Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3M0280090J Datasheet(PDF) 2 Page - Cree, Inc

Part # C3M0280090J
Description  Silicon Carbide Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3M0280090J Datasheet(HTML) 2 Page - Cree, Inc

  C3M0280090J Datasheet HTML 1Page - Cree, Inc C3M0280090J Datasheet HTML 2Page - Cree, Inc C3M0280090J Datasheet HTML 3Page - Cree, Inc C3M0280090J Datasheet HTML 4Page - Cree, Inc C3M0280090J Datasheet HTML 5Page - Cree, Inc C3M0280090J Datasheet HTML 6Page - Cree, Inc C3M0280090J Datasheet HTML 7Page - Cree, Inc C3M0280090J Datasheet HTML 8Page - Cree, Inc C3M0280090J Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
C3M0280090J Rev. - , 12-2015
Electrical Characteristics (T
C=25˚Cunlessotherwisespecified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
V(BR)DSS
Drain-Source Breakdown Voltage
900
V
VGS = 0 V, ID=100μA
VGS(th)
Gate Threshold Voltage
1.8
2.1
3.5
V
VDS = VGS, ID = 1.2 mA
Fig. 11
1.6
V
VDS = VGS, ID = 1.2 mA, TJ = 150ºC
IDSS
Zero Gate Voltage Drain Current
1
100
μA
VDS = 900 V, VGS = 0 V
IGSS
Gate-Source Leakage Current
10
250
nA
VGS = 15 V, VDS = 0 V
RDS(on)
Drain-Source On-State Resistance
280
360
mΩ
VGS = 15 V, ID = 7.5 A
Fig. 4,
5, 6
385
VGS = 15 V, ID = 7.5 A, TJ = 150ºC
gfs
Transconductance
3.6
S
VDS= 15 V, IDS= 7.5 A
Fig. 7
3.1
VDS= 15 V, IDS= 7.5 A, TJ = 150ºC
Ciss
Input Capacitance
150
pF
VGS = 0 V, VDS = 600 V
f = 1 MHz
VAC = 25 mV
Fig. 17,
18
Coss
Output Capacitance
20
Crss
Reverse Transfer Capacitance
2
Eoss
Coss Stored Energy
4.5
μJ
Fig. 16
EON
Turn-On Switching Energy
19
μJ
VDS = 400 V, VGS = -4 V/15 V, I
D = 7.5 A,
R
G(ext) =2.5Ω,L=220μH,TJ = 150ºC
Fig. 26,
29
Note(3)
EOFF
Turn Off Switching Energy
3.7
td(on)
Turn-On Delay Time
10.5
ns
VDD = 400 V, VGS = -4 V/15 V
ID = 7.5 A, RG(ext)=2.5Ω,
Timing relative to V
DS
Inductive load
Fig. 27,
29
Note(3)
tr
Rise Time
6.5
td(off)
Turn-Off Delay Time
11
tf
Fall Time
4
RG(int)
Internal Gate Resistance
26
f = 1 MHz, VAC = 25 mV
Qgs
Gate to Source Charge
2.8
nC
VDS = 400 V, VGS = -4 V/15 V
ID = 7.5 A
Per IEC60747-8-4 pg 21
Fig. 12
Qgd
Gate to Drain Charge
3.4
Qg
Total Gate Charge
9.5
Reverse Diode Characteristics (T
C=25˚Cunlessotherwisespecified)
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
VSD
Diode Forward Voltage
4.8
V
V
GS = -4 V, ISD = 4 A
Fig. 8, 9,
10
4.4
V
V
GS = -4 V, ISD = 4 A, TJ = 150 °C
IS
Continuous Diode Forward Current
9
A
V
GS = -4 V
Note (2)
IS, pulse
Diode pulse Current
22
A
V
GS = -4 V, pulse width t
P limited by Tjmax
Note (2)
t
rr
Reverse Recover time
20
ns
V
GS = -4 V, ISD = 7.5 A, VR = 400 V
dif/dt = 600 A/µs, T
J = 150 °C
Note (2)
Q
rr
Reverse Recovery Charge
47
nC
I
rrm
Peak Reverse Recovery Current
3.4
A
Note (2): When using SiC Body Diode the maximum recommended V
GS = -4V
Thermal Characteristics
Symbol
Parameter
Max.
Unit
Test Conditions
Note
RθJC
Thermal Resistance from Junction to Case
2.5
°C/W
Fig. 21
RθJA
Thermal Resistance From Junction to Ambient
40


Similar Part No. - C3M0280090J

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3M0280090J WOLFSPEED-C3M0280090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2 09-2021
More results

Similar Description - C3M0280090J

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0065090J CREE-C3M0065090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR25MT12K GENESIC-GR25MT12K Datasheet
875Kb / 1P
   Silicon Carbide Power MOSFET
GR1000MT17D GENESIC-GR1000MT17D Datasheet
835Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
C3M0015065K CREE-C3M0015065K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
C3M0015065D CREE-C3M0015065D Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR40MT12J GENESIC-GR40MT12J Datasheet
857Kb / 1P
   Silicon Carbide Power MOSFET
GR40MT12K GENESIC-GR40MT12K Datasheet
874Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
CPM2-1200-0025A CREE-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET
C3M0045065D CREE-C3M0045065D Datasheet
961Kb / 11P
   Silicon Carbide Power MOSFET
C3M0025065D CREE-C3M0025065D Datasheet
1,017Kb / 11P
   Silicon Carbide Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com