Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ10 Datasheet(PDF) 4 Page - YENYO TECHNOLOGY Co., Ltd

Part # 3.0SMCJ10
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

3.0SMCJ10 Datasheet(HTML) 4 Page - YENYO TECHNOLOGY Co., Ltd

  3.0SMCJ10 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ10 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ10 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd 3.0SMCJ10 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES 3.0SMCJ SERIES
YENYO TECHNOLOGY CO., LTD.
FIG.5 - PULSE WAVEFORM
0
0
1.0
4.0
T, TIME (ms)
50
100
3.0
2.0
Peak value (IRSM)
TR=10us
Half value= IRSM
2
TJ = 25
oC
TP
Pluse width(TP)is defined
as that point where the
peak current decays to 50%
of IRSM
10 X 1000 waveform as
defined by R.E.A.
FIG.1 - PULSE DERATING CURVE
25
0
50
125
200
AMBIENT TEMPERATURE,
oC
10 X 1000 WAVEFORM AS
DEFINED BY R.E.A.
50
75
100
175
150
100
75
25
0
FIG.4 - STEADY STATE POWER
DERATING CURVE
0
TL, LEAD TEMPERATURE
60HZ RESISTIVE OR
INDUCTIVE LOAD
2
4
6
8
50
125
200
175
150
100
75
25
0
FIG.2 - TYPICAL REVERSE CHARACTERISTICS
STAND-OFF VOLTAGE, VOLTS
1
100
1000
10000
10
1000
100
10
TJ = 25
oC
MEASURED AT
STAND-OFF VOLTAGE
FIG.3 - PULSE RATING CURVE
STAND-OFF VOLTAGE, VOLTS
0.1us
1.0
10
100
10us
1us
10ms
100us 1.0ms
0.1
TA = 25
oC
Non-repetive Pulse Waveform
Showen in Figure 5
4 / 4
R2, NOV-12
BIDIRECTIONAL
UNIDIRECTIONAL


Similar Part No. - 3.0SMCJ10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ10 WTE-3.0SMCJ10 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ10 WTE-3.0SMCJ10 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ10 TSC-3.0SMCJ10 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ10 TSC-3.0SMCJ10 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ10 PANJIT-3.0SMCJ10 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com