Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271YD5330MR30 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PME271YD5330MR30
Description  Capacitor, film, 0.033 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271YD5330MR30 Datasheet(HTML) 1 Page - Kemet Corporation

  PME271YD5330MR30 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/08/2015 - d1feb78c-e80b-4537-a041-3337d89d0185
KEMET Part Number: PME271YD5330MR30
(P272SJ333M300A)
Capacitor, film, 0.033 uF, +/-20% Tol, -40/+115C, Safety: Y2, 300 VAC, Lead Spacing=22.5 mm
L
H
LL
F
T
S
Dimensions (mm)
Symbol
Dimension
Tolerance
L
27
MAX
H
17
MAX
T
8
MAX
S
22.5
+/-0.4
LL
30
+5
F
0.8
+/-0.05
Packaging Specifications
Package Kind: Bulk
Package Quantity: 200
General Information
Supplier: KEMET
Dielectric: Metallized Paper
Application: Safety: Y2
Style: Radial Molded
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL,CQC
RoHS: Yes
Specifications
Capacitance: 0.033 uF
Voltage: 1000 VDC
Tolerance: +/-20%
Voltage AC: 300 VAC
Rated Temperature: 115C
Temperature Range: -40/+115C
Dissipation Factor @ 1 kHz: 1.3%
Insulation Resistance: 12 GOhm
Maximum dVdT: 600 v/us
Miscellaneous: SRF= 6.8 MHz
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PME271YD5330MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271YD5330MR30 ETC1-PME271YD5330MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271YD5330MR30 KEMET-PME271YD5330MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271YD5330MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271YD5680MR30 KEMET-PME271YD5680MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.068 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=22.5 mm
PME271YC5330MR30 KEMET-PME271YC5330MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.033 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=20.3 mm
PME271YD5470MR30 KEMET-PME271YD5470MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.047 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=22.5 mm
PME271YD6100MR30 KEMET-PME271YD6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=22.5 mm
PME271YB5100MR30 KEMET-PME271YB5100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.01 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=15.2 mm
PME271YB5150MR30 KEMET-PME271YB5150MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.015 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=15.2 mm
PME271YB5220MR30 KEMET-PME271YB5220MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.022 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=15.2 mm
PME271YC5470MR30 KEMET-PME271YC5470MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.047 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=20.3 mm
PME271YC5680MR30 KEMET-PME271YC5680MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.068 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=20.3 mm
PME271YE6150KR30 KEMET-PME271YE6150KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.15 uF, /-10% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=25.4 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com