Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL82314Z Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SBL82314Z
Description  Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBL82314Z Datasheet(HTML) 1 Page - Infineon Technologies AG

  SBL82314Z Datasheet HTML 1Page - Infineon Technologies AG SBL82314Z Datasheet HTML 2Page - Infineon Technologies AG SBL82314Z Datasheet HTML 3Page - Infineon Technologies AG SBL82314Z Datasheet HTML 4Page - Infineon Technologies AG SBL82314Z Datasheet HTML 5Page - Infineon Technologies AG SBL82314Z Datasheet HTML 6Page - Infineon Technologies AG SBL82314Z Datasheet HTML 7Page - Infineon Technologies AG SBL82314Z Datasheet HTML 8Page - Infineon Technologies AG SBL82314Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
1
2002-05-01
Low Power
BIDI
® Optical Standard Module
1550 nm Emitting, 1310 nm Receiving
SBL82314x
Fiber Optics
BIDI
® is a registered trademark of Infineon Technologies
Features
• Designed for application in passive-optical
networks
• Integrated Wavelength Division Multiplexer
(WDM) or Beam Splitter
• Bi-Directional Transmission in 2nd and 3rd
optical window
• Single fiber solution
• FP-Laser Diode with Multi-Quantum Well structure
• Class 3B Laser Product
• Suitable for bit rates up to 1.25 Gbit/s
• Ternary Photodiode at rear mirror for monitoring and control of radiant power
• Low noise / high bandwidth PIN diode
• Hermetically sealed subcomponents, similar to TO 46
• With singlemode fiber pigtail


Similar Part No. - SBL82314Z

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL820 MCC-SBL820 Datasheet
381Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - SBL82314Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com