Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBH52444P-FSAN Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SBH52444P-FSAN
Description  High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBH52444P-FSAN Datasheet(HTML) 3 Page - Infineon Technologies AG

  SBH52444P-FSAN Datasheet HTML 1Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 2Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 3Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 4Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 5Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 6Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 7Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 8Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SBH52444x-FSAN
Description
Data Sheet
3
2002-05-28
Description
The Infineon module for bidirectional optical transmission has been designed for
different optical networks structures.
In the last few years the structure has changed from point to point planned for Broad
band ISDN to a point to multipoint passive optical network (PON) architecture for the
optical network in the subscriber loop.
A transceiver can be realized with discrete elements (Figure 3). Transmitter and
receiver with pigtails are connected with a fiber-coupler (2:1 or 2:2, wavelength
independent or WDM).
Figure 3
Realization with Discrete Elements
Infineon has realized this transceiver configuration in a compact module called a BIDI
®
(Figure 4).
This module is especially suitable for separating the opposing signals at the ends of a
link. It replaces a discrete solution with a transmitter, receiver and coupler.
The basic devices are a laser diode and a photodiode, each in a TO package, plus the
filter in the beam path. A lens in the TO laser concentrates the light and enables it to be
launched into the single-mode fiber of the module. In the same way the light from the
fiber is focused onto the small, light-sensitive area of the photodiode to produce a high
photo current. The mirror for coupling out the received signal is arranged in the beam so
that the transmitter and receiver are at right angles to each other. This means the
greatest possible degree of freedom in the layout of the electric circuit.
Coupler
2:1 or 2:2
3 dB wavelength independent
or wavelength division multiplexing
Transmitter
Receiver


Similar Part No. - SBH52444P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBH52414G INFINEON-SBH52414G Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N INFINEON-SBH52414N Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N-FSAN INFINEON-SBH52414N-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414P-FSAN INFINEON-SBH52414P-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results

Similar Description - SBH52444P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com