Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBH52454G-FSAN Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SBH52454G-FSAN
Description  High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBH52454G-FSAN Datasheet(HTML) 5 Page - Infineon Technologies AG

  SBH52454G-FSAN Datasheet HTML 1Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 2Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 3Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 4Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 5Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 6Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 7Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 8Page - Infineon Technologies AG SBH52454G-FSAN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SBH52454x-FSAN
FSAN Applications
Data Sheet
5
2002-05-28
FSAN Applications
The generation of a service-independent platform providing a high transport capacity
based on the existing infrastructure is the most important goal with respect to the
standardization of new systems for the access network. For FSAN (Full Service Access
Network) there have been several Working Groups working on a special system
configuration. The target of FSAN was to make a specification for:
• Fiber To The Cabinet (FTTCab)
• Fiber To The Curb (FTTC)
• Fiber To The Building (FTTB)
• Fiber To The Home (FTTH).
The FSAN Basic Network Structure is shown below.
Figure 5
FSAN Basic Network Structure
The Common Access System
ATM
OLT
ONU
Switch
Node
PON Head
End Node
Local
Exchange
Cabinet
NTE
SDH
PON
ADSL
VDSL
VDSL
UNI
FTTCab
FTTC/FTTB
FTTB/FTTH
FTTEx
Home
Curb
ONU
ONU
OLT
OLT
OLT
ATM
ATM
ATM
NTE
NTE
ONU
ONT
Passive Optical Network
OLT:
Optical Line Termination
ONU:
Optical Network Unit
Optical Network Termination
ONT:
ATM:
Asynchron Transfer Mode
SDH:
Synchronous Digital
Hierarchy
NTE:
Network Termination
UNI:
User Network Interface
ADSL:
Asymmetric Digital
Subscriber Line
VDSL:
Very High Speed Digital
Subscriber Line


Similar Part No. - SBH52454G-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBH52414G INFINEON-SBH52414G Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N INFINEON-SBH52414N Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N-FSAN INFINEON-SBH52414N-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414P-FSAN INFINEON-SBH52414P-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results

Similar Description - SBH52454G-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com