Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHXA630ARA100MF61G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HHXA630ARA100MF61G
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HHXA630ARA100MF61G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HHXA630ARA100MF61G Datasheet HTML 1Page - List of Unclassifed Manufacturers HHXA630ARA100MF61G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Bulletin Introductory
No.830I/May.2014
Conductive Polymer Hybrid
Aluminum Electrolytic Capacitors
Please contact us for mass production schedule.
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1698
2
PMA
Series
NPCAPTM-
◆STANDARD RATINGS
●Recommended Solder Land(Based on the PX series) [mm]
●Reflow Profile
Location of capacitor
c
a
b
b
Solder land on PC board
217
230
Peak
Preheat
Peak temperature
Time (sec.)
Max. period of time over 230℃
(℃)
Max. period of time over 217℃
◆RECOMMENDED REFLOW SOLDERING CONDITIONS
NIPPON CHEMI-CON CORPORATION
1595
Engineering Bulletin
Conductive Polymer
Aluminum Solid Capacitors
No.824C / Oct.2012
Tentative
2
Cap
(μF)
Rated ripple current
-55℃Tx+85℃*1
+85℃<Tx+105℃*1
(mArms/100kHz)
Part No.
16
20
25
APMA160ARA680MF40S
40
F40
APMA160ARA151MF60S
18
F60
APMA160ARA390MF40S
2,200
3,300
2,200
2,700
4,100
2,700
40
F40
APMA200ARA470MF40S
45
F40
APMA200ARA151MF60S
20
F60
APMA160ARA221MF60S
2,100
3,200
3,300
2,600
3,700
4,100
18
F60
APMA250ARA220MF40S
50
F40
APMA250ARA560MF60S
26
F60
APMA250ARA150MF40S
2,000
2,800
2,000
2,400
3,400
2,400
50
544
1,200
312
470
1,500
1,760
275
700
187
F40
68
150
39
47
150
220
22
56
15
WV
(Vdc)
Size
code
Leakage current
(µAmax/after 2min.)
ESR
(mΩmax/20℃,
100k to 300kHz)
Specifications in this bulletin are subject to change without notice.
Please ask us for technical specifications before purchase and use.
*1 Tx: Ambient temperature
Voltage range(Vdc)
Reflow number
Preheat
Time maintained
above 230℃
Peak temp.
16 to 25V
1-cycle only
150℃ to 180℃
120 sec.max.
50 sec.max.
250℃ max.
30 sec.max.
40 sec.max.
2-cycle allowed
Time maintained
above 217℃
40 sec.max.
Size code
a
b
c
F40,F60
1.6
3.5
1.9
HXA
Series
◆ STANDARD RATINGS
WV
(Vdc)
Cap
(μF)
Size code
ESR
(mΩmax/20℃ , 100kHz)
Rated ripple current
(mArms/125℃ , 100kHz)
Part No.
16
82
F61
45
950
HHXA160ARA820MF61G
150
F80
27
1,300
HHXA160ARA151MF80G
270
HA0
22
1,700
HHXA160ARA271MHA0G
470
JA0
18
2,100
HHXA160ARA471MJA0G
25
56
F61
50
900
HHXA250ARA560MF61G
100
F80
30
1,400
HHXA250ARA101MF80G
220
HA0
27
1,600
HHXA250ARA221MHA0G
330
JA0
20
2,000
HHXA250ARA331MJA0G
35
47
F61
60
900
HHXA350ARA470MF61G
68
F80
35
1,400
HHXA350ARA680MF80G
150
HA0
27
1,600
HHXA350ARA151MHA0G
270
JA0
20
2,000
HHXA350ARA271MJA0G
50
22
F61
80
750
HHXA500ARA220MF61G
33
F80
40
1,100
HHXA500ARA330MF80G
68
HA0
30
1,250
HHXA500ARA680MHA0G
100
JA0
28
1,600
HHXA500ARA101MJA0G
63
10
F61
120
700
HHXA630ARA100MF61G
22
F80
80
900
HHXA630ARA220MF80G
33
HA0
40
1,100
HHXA630ARA330MHA0G
56
JA0
30
1,400
HHXA630ARA560MJA0G
80
22
HA0
45
1,100
HHXA800ARA220MHA0G
39
JA0
35
1,200
HHXA800ARA390MJA0G
◆ RECOMMENDED REFLOW SOLDERING CONDITIONS
The following conditions are recommended for air convection and infrared reflow soldering on the SMD products on to a glass epoxy
circuit boards by cream solder. The dimensions of the glass epoxy boards with resist are 90×50×0.8mm.
The temperatures shown are the surface temperature values on the top of the can and on the capacitor terminals.
Reflow should be performed twice or less.
Please ensure that the capacitor became cold enough to the room temperature (5 to 35℃ ) before the second reflow.
Reflow Profile
Size Code
Preheat
Time maintained
above 217℃
Time maintained
above 230℃
Peak temp.
Reflow number
F61, F80
150 to 180℃
120 sec. max.
50 sec. max.
40 sec. max.
260℃ max.
2-cycle allowed
HA0, JA0
50 sec. max.
40 sec. max.
260℃ max.
1-cycle only
245℃ max.
2-cycle allowed


Similar Part No. - HHXA630ARA100MF61G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
HHXA630ARA100MF61G NPC-HHXA630ARA100MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
HHXA630ARA100MF61G CHEMI-CON-HHXA630ARA100MF61G Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - HHXA630ARA100MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com