Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE81C91 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAE81C91
Description  Standalone Full-CAN Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAE81C91 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAE81C91 Datasheet HTML 7Page - Infineon Technologies AG SAE81C91 Datasheet HTML 8Page - Infineon Technologies AG SAE81C91 Datasheet HTML 9Page - Infineon Technologies AG SAE81C91 Datasheet HTML 10Page - Infineon Technologies AG SAE81C91 Datasheet HTML 11Page - Infineon Technologies AG SAE81C91 Datasheet HTML 12Page - Infineon Technologies AG SAE81C91 Datasheet HTML 13Page - Infineon Technologies AG SAE81C91 Datasheet HTML 14Page - Infineon Technologies AG SAE81C91 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
07Feb95@09:05h Intermediate Version
Semiconductor Group
10
SAE 81C90/91
Time Stamp
It is impossible to determine from the received data in the message memory when they were
received. So the host controller is unable to derive any information about the actuality or the
repetition rate of the data.
To enable an indication of the time of reception for at least some of the messages, a 16-bit timer is
implemented on the SAE 81C90/91. The content of this gets written into the time-stamp registers of
the particular message when it is received (for the messages 0 through 7). There are two time-
stamp bytes for each of the messages 0 through 7, and these hold the value of the 16-bit timer.
The actuality of a message is determined by subtracting the old time-stamp of a message, stored in
the host controller, from the new one, with respect to the timer overflow bit.
Overflow of the timer can be detected by bit TSOV in the CTRL register. This bit does not trigger an
interrupt and has to be reset by the host controller. Depending on the setting of bitfield TSP in
register CTRL, the counter is fed with 1/32, 1/64, 1/128 or 1/256 of the bus clock. The momentary
timer status can be read and set at any time. The timer starts at 0 after a reset and cannot be
stopped.
I/O-Ports
There are two parallel I/O ports in the SAE 81C90, each with eight pins. These ports are configured
pin by pin as input or output, depending on the contents of the port-direction register.
The output data for the port pins can be written (latched) into the port-latch register. Reading this
register reproduces the contents of the latch. The levels on the port pins can be read from the port-
pin register.
For the SAE 81C91 in its P-LCC-28-1 package, the pads of the I/O ports are not bonded and
therefore unavailable to the user.
Note: Registers PxPDR and PxPL may be used for general purpose storage if the ports are not
used.


Similar Part No. - SAE81C91

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE81C52 SIEMENS-SAE81C52 Datasheet
288Kb / 10P
   256 x 8-Bit Static CMOS RAM NMOS-Compatible
SAE81C52G SIEMENS-SAE81C52G Datasheet
288Kb / 10P
   256 x 8-Bit Static CMOS RAM NMOS-Compatible
SAE81C52P SIEMENS-SAE81C52P Datasheet
288Kb / 10P
   256 x 8-Bit Static CMOS RAM NMOS-Compatible
More results

Similar Description - SAE81C91

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
82C900 INFINEON-82C900 Datasheet
488Kb / 29P
   Standalone TwinCAN Controller
V 1.0D3, Mar. 2001
SAK82C900 INFINEON-SAK82C900 Datasheet
478Kb / 29P
   Standalone TwinCAN Controller
V 1.0D3, Mar. 2001
logo
SMSC Corporation
TMC2084 SMSC-TMC2084 Datasheet
814Kb / 74P
   Standalone Mode CircLink Controller
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
NXP Semiconductors
AH1014 NXP-AH1014 Datasheet
1Mb / 121P
   Application Hints - Standalone high speed CAN transceiver
Rev.01.40-27 April 2015
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
   Standalone USB Type-C??sink port controller
Rev 1 - October 2019
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
   Standalone 6-axis pulse train motion controller
14-May-2020
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com