Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC152-832 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # MPC152-832
Description  One key touch screen on/off button
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MPC152-832 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MPC152-832 Datasheet HTML 1Page - Axiomtek Co., Ltd. MPC152-832 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
655
* All specifications and photos are subject to change without notice.
Features
MPC152-832
15" TFT Medical Grade Panel Computer with
Low Power Intel® Atom™ Processor D2550
15" XGA TFT LCD display with LED backlight
Fanless cooling system with Intel® Atom™ processor D2550
2 cores @1.86 GHz
UL60601-1, EN60601-1, CE and FCC class B certified
Water /dust-proof design (front bezel: IP65, full enclosure:
IPX1)
One key touch screen on/off button
Ultra slim design: thickness 54.6 mm
Super lightweight: 3.2 kg
Supports optional panel mount, wall mount, VESA mount and
desktop stand
Introduction
Specifications
The MPC152-832 is a 15" Intel® Atom™-based fanless medical grade touch panel
computer which is well-suited for applications like medical image processing and medical
measuring instrument. Especially designed for the medical environment, it adopts whole
system IPX1 and front IP65 waterproof design which protects the entire system from
outside liquid, preventing system from crashing. In response to market demand, this
medical panel computer is a cost effective solution. It supports Intel® Atom™ processor
D2550 1.86 GHz.
Super slim & ultra lightweight design
The MPC152-832 is a super slim touch panel computer for space-limited environment
with its thickness of 54.6 mm and weight of 3.2 kg only, which make it installed
everywhere. Besides, it provides two types of power input. One is medical grade AC
medical power adapter with screw type connector, and the other is DC power input
(10~30VDC) with terminal block connector (option).
Built-in internal WLAN
The MPC152-832 provides a PCIe Mini Card slot and a built-in WLAN antenna for
wireless network connections. By simply plugging in the wireless LAN card, customers
can use the 15-inch medical computer in a wireless LAN/GPRS/ GSM/4G environments.
Certifications
This medical panel platform complies with UL60601-1, EN60601-1, CE, FCC Class B
certifications to ensure medical operation safety.
Front Bezel
IP65, NEMA 4 rugged protection, plastic front bezel
LCD Panel
Display Type
15" XGA TFT LCD with LED backlight
Brightness (cd/m
2)
400 nits
Resolution
1024 x 768
Viewing Angle (H/V) 160°/140°
Main System
CPU
Intel® Atom™ processor D2550
2 cores @1.86 GHz
Chipset
Intel® NM10
System Memory
1 x 204-pin DDR3 SO-DIMM max.
up to 4 GB
BIOS
AMI 8 Mbit with RPL/PXE LAN boot
ROM
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated in Intel® GFX
1. Power switch (ATX)
2. Screw conn. w/ AC power adapter or
3. Terminal block for DC power input
4. USB 2.0 x 2
5. Isolated COM 3 (RS-232)
6. COM 1 (RS-232/422/485)
7. DisplayPort
8. Ethernet
9. USB 2.0 x 2
10. Audio (Line-out)
11. Touch on/off button
1
4
5
6
7
8
9 10
Side view
2
3
11
IPX1
Fanless
DDR3
DDR3
DDR3
IP65
DualView
Low Power
AiRD
EN/UL60601-1
Updated February 02, 2016.


Similar Part No. - MPC152-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832_17 Datasheet
364Kb / 2P
   15 XGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
More results

Similar Description - MPC152-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC175-873 AXIOMTEK-MPC175-873_16 Datasheet
755Kb / 2P
   Touch screen on/off key for clean usage
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
logo
Schurter Inc.
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
   TOUCH SCREEN
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
   TOUCH SCREEN
logo
Schurter Inc.
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
   TOUCH SCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
   TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
   TOUCH SCREEN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com