Electronic Components Datasheet Search |
|
ELXS3B1VSN391MP50S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
ELXS3B1VSN391MP50S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Long life snap-ins, 105 ℃ LXS Series ・For solar power generation ・Endurance with ripple current : 5,000 hours at 105℃ ・Rated voltage range : 160 to 500V ・Downsized from LXQ series ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS Items Characteristics Category Temperature Range -25 to +105 ℃ Rated Voltage Range 160 to 500Vdc Capacitance Tolerance ±20% (M) (at 20 ℃, 120Hz) Leakage Current I ≦3 CV Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V) (at 20 ℃ after 5 minutes) Dissipation Factor (tanδ) Rated voltage (Vdc) 160 to 400V 420 to 500V (at 20 ℃, 120Hz) tan δ (Max.) 0.15 0.20 Low Temperature Characteristics (Max. Impedance Ratio) Rated voltage (Vdc) 160 to 400V 420 to 500V Z(-25 ℃)/Z(+20℃) 4 8 (at 120Hz) Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105 ℃. Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value (500Vdc : ≦ 250%) Leakage current ≦The initial specified value Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±15% of the initial value D.F. (tan δ) ≦150% of the initial specified value Leakage current ≦The initial specified value ◆DIMENSIONS [mm] ● Terminal Code : LI ( φ30,φ35) Vent 4.5 ±1 L ±2.5 Negative mark Sleeve (PET : Brown) 2-1.2 ×6 5 ±0.5 14.2 ±1 ● Terminal Code : VS ( φ22 to φ35) : Standard 4.0 ±0.5 Vent L ±2.5 Negative mark Sleeve (PET : Brown) 2- φ2 The standard design has no plastic disc. PC board pin-out (View from Solder side) PC board pin-out (View from Solder side) ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Capacitance code (ex. 330 µF:331, 2,200µF:222) Dummy terminal code Terminal code Voltage code (ex. 160V:161, 315V:3B1, 450V:451) Series code Category E L X S V S N S M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (snap-in type)" Downsized Higher ripple Longer life LXS LXQ P270 LXM P264 267 CAT. No. E1001P LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - ELXS3B1VSN391MP50S |
|
Similar Description - ELXS3B1VSN391MP50S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |