Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525N Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # SAB82525N
Description  Data Communications ICs
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB82525N Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button SAB82525N Datasheet HTML 52Page - Infineon Technologies AG SAB82525N Datasheet HTML 53Page - Infineon Technologies AG SAB82525N Datasheet HTML 54Page - Infineon Technologies AG SAB82525N Datasheet HTML 55Page - Infineon Technologies AG SAB82525N Datasheet HTML 56Page - Infineon Technologies AG SAB82525N Datasheet HTML 57Page - Infineon Technologies AG SAB82525N Datasheet HTML 58Page - Infineon Technologies AG SAB82525N Datasheet HTML 59Page - Infineon Technologies AG SAB82525N Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Semiconductor Group
56
SAB 82525
SAB 82526
SAF 82525
SAF 82526
Summary
The features of the different clock modes are summarized in table 6.
Table 6
Clock Modes of HSCX
Note: 1) The maximum data rate in an externally clocked operating mode is 4.1 Mbit/s. In an
internally clocked operating mode with an external reference clock, or using the OSC,
the maximum clock rate is 12 MHz or 19.2 MHz if the scaling factor of the BRG is
programmed to 1. The maximum data rate will be 1200 kbit/s.
2) The ratio between the receive frequency (fr) and the transmit frequency (fx) for a
channel must satisfy the condition fr/fx less than 3 in clock modes 0, 2, 6; there are no
restrictions on the phase shift. Slower transmit data rates can be realized with receive
and transmit strobes (clock mode 1).
3) The clock modes 4, 6, 7 use the internal OSC and need an external quartz crystal to
be connected at the RxCLK A-AxCLK A pins.
It is not necessary to use two separate crystals for the two serial channels, instead it is
sufficient to apply the crystal to channel A and provide the reference clock for channel
B by externally connecting the AxCLKA and RxCLKB pins. The SAB 82526 also uses
the RxCLK A-AxCLK A pins to connect to an external quartz crystal.
Channel Configuration
Clock Sources
Control Sources
Timer
Source
Clock Mode
CCR1
CM2, CM1, CM0
CCR2
Output
via
TxCLK
TSS
TIO
BRG
DPLL
REC
TRM
CD
R-Strobe
X-Strobe
F-Sync
TCP
0
1
2
2
3
4
4
5
6
6
6
7
7
0
0
0
1
0
0
0
0
0
1
1
0
0
0
0
0
1
1
0
1
0
0
0
1
0
1
RxCLK
RxCLK
RxCLK
OSC
OSC
OSC
OSC
OSC
BRG
BRG
BRG
BRG
BRG
BRG
BRG
BRG
RxCLK
RxCLK
DPLL
DPLL
DPLL
OSC
OSC
RxCLK
DPLL
DPLL
DPLL
DPLL
DPLL
TxCLK
RxCLK
TxCLK
BRG/16
DPLL
OSC
OSC
RxCLK
TxCLK
BRG/16
BRG/16
DPLL
DPLL
AxCLK
AxCLK
AxCLK
AxCLK
TxCLK
TxCLK
TxCLK
TxCLK
AxCLK
(TSAR)
TxCLK
(TSAX)
AxCLK
BRG/16
DPLL
OSC
TS-Control
BRG/16
DPLL
TxCLK
RxCLK
TxCLK
DPLL
DPLL
OSC
OSC
RxCLK
TxCLK
BRG/16
BRG/16
DPLL
DPLL
SAB 82525
SAB 82526
SAF 82525
SAF 82526


Similar Part No. - SAB82525N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525N SIEMENS-SAB82525N Datasheet
741Kb / 126P
   High-Level Serial Communication
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
More results

Similar Description - SAB82525N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com