Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54F245FM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F245FM
Description  Octal Bidirectional Transceiver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F245FM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54F245FM Datasheet HTML 1Page - National Semiconductor (TI) 54F245FM Datasheet HTML 2Page - National Semiconductor (TI) 54F245FM Datasheet HTML 3Page - National Semiconductor (TI) 54F245FM Datasheet HTML 4Page - National Semiconductor (TI) 54F245FM Datasheet HTML 5Page - National Semiconductor (TI) 54F245FM Datasheet HTML 6Page - National Semiconductor (TI) 54F245FM Datasheet HTML 7Page - National Semiconductor (TI) 54F245FM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
24
IOH eb3mA(An)
Voltage
54F 10% VCC
20
IOH eb12 mA (Bn)
74F 10% VCC
24
V
Min
IOH eb3mA(An)
74F 10% VCC
20
IOH eb15 mA (Bn)
74F 5% VCC
27
IOH eb3mA(An)
VOL
Output LOW
54F 10% VCC
05
IOL e 20 mA (An)
Voltage
54F 10% VCC
055
V
Min
IOL e 48 mA (Bn)
74F 10% VCC
05
IOL e 24 mA (An)
74F 10% VCC
055
IOL e 64 mA (Bn)
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V
Current
74F
50
IBVI
Input HIGH Current 54F
100
m
A
Max
VIN e 70V (OE TR)
Breakdown Test
74F
70
IBVIT
Input HIGH Current 54F
10
mA
Max
VIN e 5 5V(An Bn)
Breakdown (IO)
74F
05
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC (An Bn)
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
12
mA
Max
VIN e 05V (TR OE)
IIH a IOZH
Output Leakage Current
70
m
A
Max
VOUT e 27V (An Bn)
IIL a IOZL
Output Leakage Current
b
650
m
A
Max
VOUT e 05V (An Bn)
3


Similar Part No. - 54F245FM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240 NSC-54F240 Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54F240FM NSC-54F240FM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54F240LM NSC-54F240LM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
More results

Similar Description - 54F245FM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F545DM NSC-54F545DM Datasheet
166Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATEE Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F646 NSC-54F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com