Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN815-600B Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # TN815-600B
Description  8A SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TN815-600B Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TN815-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TN815-600B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
TN8, TS8 and TYNx08 Series
8A SCRs
MAIN FEATURES:
DESCRIPTION
Available either in sensitive (TS8) or standard
(TN8 / TYN) gate triggering levels, the 8A SCR
series is suitable to fit all modes of control, found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive
discharge
ignition
and
voltage
regulation circuits...
Available
in
through-hole
or
surface-mount
packages, they provide an optimized performance
in a limited space area.
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600 to 1000
V
IGT
0.2 to 15
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
8
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
5
A
TS8/TN8
TYN
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
73
100
A
tp = 10 ms
70
95
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
24.5
45
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN8 & TYN only)
5
V
A
K
G
A
G
A
K
DPAK
(TS8-B)
(TN8-B)
A
A
K
G
IPAK
(TS8-H)
(TN8-H)
A
A
K
G
G
A
A
K
TO-220AB
(TS8-T)
TO-220AB
(TYNx)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - TN815-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN815-600B STMICROELECTRONICS-TN815-600B Datasheet
74Kb / 5P
   SCR?셲
logo
Kersemi Electronic Co.,...
TN815-600B KERSEMI-TN815-600B Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TN815-600B-TR STMICROELECTRONICS-TN815-600B-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TN815-600B

ManufacturerPart #DatasheetDescription
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com