Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN606 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # TYN606
Description  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN606 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TYN606 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN606 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN606 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN606 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
TYN606
TYN1006
SCR
s
High surge capability
s
High on-state current
s
High stability and reliability
FEATURES
The TYN606 and TYN1006 Family of Silicon
Controlled Rectifiers are high performance glass
passivated technology.
This general purpose Family of Silicon Controlled
Rectifiers is designed for power supply up to
400Hz on resistive or inductive load.
DESCRIPTION
K
A
G
TO-220AB
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
6
A
IT(AV)
Average on-state current
(180° conduction angle, single phase circuit)
Tc = 110°C
3.8
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3ms
73
A
tp = 10ms
70
I
2tI2t value
tp = 10ms
24.5
A
2s
dI/dt
Critical rate of rise of on-state current
Gate supply: IG = 100mA
dIG/dt = 1A/µs
50
A/µs
Tstg
Tj
Storage and operating junction temperature range
-40 to +150
-40 to +125
°C
Tl
Maximum lead soldering temperature during 10s at 4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
TYN
Unit
606
1006
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125°C
600
1000
V
K
A
G
www.kersemi.com
Information offers:http://www.kkg.com.cn


Similar Part No. - TYN606

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN606 STMICROELECTRONICS-TYN606 Datasheet
223Kb / 4P
   SCR
TYN606 STMICROELECTRONICS-TYN606 Datasheet
250Kb / 4P
   Silicon controlled rectifiers
TYN606 STMICROELECTRONICS-TYN606 Datasheet
65Kb / 6P
   6A SCRS
logo
Tiger Electronic Co.,Lt...
TYN606 TGS-TYN606 Datasheet
126Kb / 1P
   6A SCRs
logo
STMicroelectronics
TYN606RG STMICROELECTRONICS-TYN606RG Datasheet
65Kb / 6P
   6A SCRS
More results

Similar Description - TYN606

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com