Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBOX560-880-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EBOX560-880-FL
Description  High performance 204-pin DDR3L SO-DIMM max. up to 8 GB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX560-880-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX560-880-FL_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
1
258
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
4 USB 3.0
1 x RS-232/422/485
1 x RS-232
HDMI
4th/5th Gen. Intel® Core™
ULT processor
Features
Dimensions
Front view
eBOX560-880-FL
Fanless Embedded System with Intel®
Celeron® 2980U/ Core™ i3 5010U/
i5 4300U ULT SoC, HDMI/DisplayPort,
2 GbE LAN, 4 USB 3.0, 2 COM and
PCIe Mini Card
Intel® Celeron® 2980U/Core™ i5 4300U Haswell & Core™ i3
5010U Broadwell ULT SoC
High performance 204-pin DDR3L SO-DIMM max. up to 8 GB
Fanless operation design with compact size
1 RS-232/422/485 and 1 RS-232 ports
One 2.5” SATA HDD drive bay and mSATA interface
Supports 1 PCI Express Mini Card slot and 4 USB 3.0 ports
Supports DisplayPort and HDMI dual view
Packing List
Ordering Information
1 x quick manual
1 x power adaptor
1 x driver cd
1 x power cord
1 x screw pack
4 x foot pad
Standard
eBOX560-880-FL-2980U-
US
Fanless embedded system with Intel® Celeron® 2980U
Haswell ULT Processor, HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0, 2 COM, PCIe Mini Card, 60W AC/DC adapter and
US power cord
eBOX560-880-FL-2980U-
EU
Fanless embedded system with Intel® Celeron® 2980U
Haswell ULT processor, HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0, 2 COM, PCIe Mini Card, 60W AC/DC adapter and
EU power cord
eBOX560-880-FL-4300U-
US
Fanless embedded system with Intel® Core™ i5-4300U
Haswell ULT processor, HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0, 2 COM, PCIe Mini Card, 60W AC/DC adapter and
US power cord
eBOX560-880-FL-4300U-
EU
Fanless embedded system with Intel® Core™ i5-4300U
Haswell ULT processor, HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0, 2 COM, PCIe Mini Card, 60W AC/DC adapter and
EU power cord
eBOX560-880-FL-5010U-
US
Fanless embedded system with Intel® Core™ i3-5010U
Broadwell ULT processor , HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0 , 2 COM, PCIe Mini Card, 60W AC/DC adapter and
US power cord
eBOX560-880-FL-5010U-
EU
Fanless embedded system with Intel® Core™ i3-5010U
Broadwell ULT processor, HDMI/DisplayPort, 2 GbE LAN,
4 USB 3.0, 2 COM, PCIe Mini Card, 60W AC/DC adapter and
EU power cord
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3L SO-DIMM
Wallmount Kit
VESA ARM Kit
Din-rail Kit
Wi-Fi module
Power cord
40 GB or above
4 GB or above
1 GB ~ 8 GB
826K5600000E
826K5600010E
826K5600050E
*Specifications and certifications are based on options and may vary.
Power Protection
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Celeron® 2980U 1.6 GHz / Core™ i5 4300U 1.9 GHz
Haswell ULT/ Core™ i3 5010U 2.1 GHz Broadwell ULT SoC
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM max. up to 8 GB
Chipset
Single Chip Design
BIOS
AMI
System I/O Outlet
1 x RS-232/422/485
1 x RS-232
1 x DisplayPort
1 x HDMI
2 x 10/100/1000Mbps Ethernet (Intel® i218LM, i210AT)
4 x USB 3.0
2 x SMA type connector opening for antenna
1 x VDC 12V power input connector
1 x ATX power switch
1 x Reset button
Watchdog Timer
255 levels, 1~255 sec.
Storage
1 x 2.5” SATA HDD drive bay
1 x mSATA
Expansion Interface
1 x Full-size PCI Express Mini Card slot (USB + PCI Express
signal)
System Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Power Supply
Input AC 90-264V, AC 60W adapter with lock
Output: DC 12V @ 5A
Operating Temperature
-20°C ~ +50°C (-4°F~+122°F) (with W.T. SSD)
Storage Temperature
-40°C ~ +80°C (-40°F~+176°F)
Humidity
10% ~ 90% , non-condensing
Vibration Endurance
3 Grms with SSD™ (5-500Hz, X, Y, Z directions)
Dimensions
141.5 mm (5.57") (W) x 106 mm (4.17") (D) x 55 mm (2.17") (H)
Weight (net/gross)
0.8 kg (1.76lb)/ 1.5kg (3.31lb)
Certificate
CE, UL, FCC & VCCI
EOS Support
WE8S, WES7, Linux
Rear view
Internal PCI Express
Mini Card slot with mSATA
Lockable 12V DC-in
Compact size
DispalyPort
Fanless
Low Power
DDR3L
DDR3
DDR3
IP40
DualView
USB 3.0
USB
USB
EN60950


Similar Part No. - EBOX560-880-FL_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL_17 Datasheet
298Kb / 1P
   Fanless Embedded System with Intel Celeron 2980U Core i5 4300U
More results

Similar Description - EBOX560-880-FL_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS880-HM AXIOMTEK-OPS880-HM Datasheet
272Kb / 1P
   DDR3L-1600 SO-DIMM max. up to 8 GB
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL Datasheet
251Kb / 1P
   High performance 204-pin DDR3L-1066/1333 SODIMM max. up to 8 GB
DSB320-842 AXIOMTEK-DSB320-842_16 Datasheet
273Kb / 1P
   Supports DDR3L-1333 SO-DIMM max. up to 8 GB
EBOX622-830-FL AXIOMTEK-EBOX622-830-FL Datasheet
378Kb / 1P
   204-pin DDR3-800/1066 SO-DIMM max. up to 4 GB
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_16 Datasheet
295Kb / 1P
   204-pin DDR3-1066/1333 SO-DIMM max. up to 16 GB
OPS885 AXIOMTEK-OPS885 Datasheet
318Kb / 1P
   Supports DDR3L-1600 SO-DIMM 1600 max. up to 8 GB
CEM841 AXIOMTEK-CEM841 Datasheet
276Kb / 1P
   2 SO-DIMM DDR3L-1066/1333 max up to 8 GB
CEM880 AXIOMTEK-CEM880_16 Datasheet
268Kb / 1P
   On-board 4 GB DDR3L and 1 DDR3L SO-DIMM up to 8 GB
OPS882-HM AXIOMTEK-OPS882-HM Datasheet
285Kb / 1P
   2 DDR3L-1600 SO-DIMM 1600 max. up to 16 GB
CEM881 AXIOMTEK-CEM881_16 Datasheet
226Kb / 1P
   Onboard 4 GB DDR3L and one SO-DIMM up to 8 GB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com