Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA13 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PZTA13
Description  NPN Silicon Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA13 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PZTA13 Datasheet HTML 1Page - Infineon Technologies AG PZTA13 Datasheet HTML 2Page - Infineon Technologies AG PZTA13 Datasheet HTML 3Page - Infineon Technologies AG PZTA13 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZTA13, PZTA14
3
Nov-30-2001
Transition frequency fT = f (IC)
VCE = 5V, f = 100MHz
10
EHP00717
PZTA 13/14
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
55
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
150
300
450
600
750
900
1050
1200
1350
mW
1650
Collector cutoff current ICBO = f (TA)
VCB = 30V
10
10
10
0
50
100
150
PZTA 13/14
EHP00718
T
A
Ι
CB0
˚C
10
10
4
3
2
1
0
5
5
5
max
typ
nA
DC current gain hFE = f (IC)
VCE = 5V
10
EHP00719
PZTA 13/14
-1
3
10
mA
3
10
6
10
5
5
10
0
10
1
10
4
C
FE
h
Ι
2
10
5
10
˚C
125
5
25 ˚C
-55 ˚C


Similar Part No. - PZTA13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZTA13 SIEMENS-PZTA13 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA13 FAIRCHILD-PZTA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
More results

Similar Description - PZTA13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com