Electronic Components Datasheet Search |
|
EBOX530-820-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
EBOX530-820-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 1 page * All specifications and photos are subject to change without notice. 255 eBOX530-820-FL Fanless Embedded System with Intel ® Atom™ Processor Z510/ Z530 up to 1.6 GHz ● Intel ® Atom™ processor Z510 (1.1 GHz) or Z530 (1.6 GHz) onboard ● Intel ® US15W core logic chipset ● Ultra slim and compact design ● Supports 4 USB 2.0 ports and 2 COM ports ● Supports 10/100/1000Mbps Ethernet ● One 2.5 SATA HDD drive bay, 1 CompactFlash™ Packing List Ordering Information Dimensions Power Protection 1 x quick manual 1 x driver CD 1 x Y cable for PS/2 keyboard/mouse 1 x screw pack 4 x foot pad 1 x power adapter 1 x wall mount kit 1 x power cord 1 x HDD mylar Standard eBOX530-820-FL1.1G Fanless embedded system with Intel ® Atom™ processor Z510 1.1 GHz, 25W AC/DC adapter eBOX530-820-FL1.6G Fanless embedded system with Intel ® Atom™ processor Z530 1.6 GHz, 25W AC/DC adapter Optional 2.5” SATA HDD 2.5” SATA SSD DDR2 SODIMM CompactFlash™ Din rail kit VESA mount kit Power cord 40 GB or above 4 GB or above 512 MB ~ 2 GB 1 GB or above *Specifications and certifications are based on options and may vary. AC Version OVP (over voltage protection) SCP (short circuit protection) OPP (over power protection) Features Specifications Standard Color Silver-Black Construction Aluminum extrusion and heary-duty steel, IP40 CPU Intel ® Atom™ processor Z510 (1.1 GHz) or Z530 (1.6 GHz) System Memory 1 x 200-pin DDR2 SO-DIMM max. up to 2 GB Chipset Intel ® US15W core logic BIOS Phoenix-Award System I/O Outlet 2 x RS-232 (COM 1/2) 1 x VGA 1 x Audio (Line-out/Mic-in) 1 x PS/2 keyboard/mouse 1 x 10/100/1000Mbps Ethernet (Realtek RTL8111B) 4 x USB 2.0 1 x VDC 5V power input connector Watchdog Timer 255 levels, 1 ~ 255 sec. Storage 1 x 2.5" SATA HDD drive bay 1 x CompactFlash™ slot Expansion Interface N/A System Indicator 1 x green LED for system power-on 1 x orange LED for HDD active Power Supply Input: AC 100 ~ 240V, AC 25W adapter with lock Output: DC 5V @ 5A Operating Temperature 0°C ~ +45°C (32°F ~ 113°F) (with W.T. HDD) 0°C ~ +50°C (32°F ~ 122°F) (with W.T. SSD & W.T. CF) Storage Temperature -20°C ~ +80°C (-4°F ~ +176°F) Humidity 10% ~ 90%, non-condensing Dimensions 132 mm (5.19") (W) x 95.4 mm (3.75") (D) x 47.5 mm (1.87") (H) Weight (net/gross) 0.5 kg (1.1 lb)/0.6 kg (1.32 lb) Certification CE EOS Support XPE, WinCE, Linux, WES, WES7 * XPE: Windows ® XP Embedded * WES: Windows ® XP Embedded Standard * WES7: Windows ® XP Embedded Standard 7 * WES8: Windows ® XP Embedded Standard 8 Low Power IP40 Fanless Rear view Front view Compact size Intel ® AtomTM processor Z510/ Z530 |
Similar Part No. - EBOX530-820-FL_14 |
|
Similar Description - EBOX530-820-FL_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |