Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM846PG-E3815-2G Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM846PG-E3815-2G
Description  E3800 Family COM Express Type 10 Mini Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM846PG-E3815-2G Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM846PG-E3815-2G Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
2
80
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
CEM846
NEW
Features
Intel® Atom™ E3800 Family COM Express
Type 10 Mini Module
Intel® Quad/ Dual/ Single Core Atom™ processor (Bay Trail)
Max. up to 4 GB DDR3L onboard memory
Max. up to 4 lanes of PCIe
2 SATA-300 interfaces
8 USB 2.0 and 1 USB 3.0
I/O
Packing List
System
Quick installation guide, user’s manual/utility CD
Display
Rear view
CPU
Intel® Atom™ processor E3845 1.91 GHz quad core, Atom™
E3827 1.75 GHz dual core, or Atom™ E3815 1.46 GHz single
core onboard
System Memory
Onboard extended temperature DDR3L chips up to 4 GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
4 x PCIe x1 devices (3 x 1 while internal LAN is connected)
Battery Lithium
N/A
Power Input
DC input: 4.75V ~ 20V or ATX 4.75V~20V/+5VSB
Size
84 x 55 mm
Board Thickness
2.0 mm
Temperature
-40ºC ~ +85ºC (-40ºF ~ +185ºF), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x LPC interface
2 x Serial TX/RX
SATA
2 x SATA-300 support
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i210IT
Audio
HD link interface to baseboard for Codec
USB
8 x USB 2.0 and 1 x USB 3.0
TPM
N/A
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Chipset
Intel® HD graphics (Gen 7 Gfx) display engine
Gfx APIs – DX11, OCL 1.2, OGL 3.2
2 independent displays
Display Interface
1 x LVDS; 18/24-bit single channel
1 x DDI (DP, HDMI, DVI)
On-board DDR3L
On-board DDR3L
COM Express
Interface Connector
E38xx SoC
Ordering Information
Standard
CEM846PG-E3845-4G
COM Express type 10 mini module with Intel® Atom™ E3845,
4 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
CEM846PG-E3827-4G
COM Express type 10 mini module with Intel® Atom™ E3827,
4 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
CEM846PG-E3815-4G
COM Express type 10 mini module with Intel® Atom™ E3815,
4 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
CEM846PG-E3845-2G
COM Express type 10 mini module with Intel® Atom™ E3845,
2 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
CEM846PG-E3827-2G
COM Express type 10 mini module with Intel® Atom™ E3827,
2 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
CEM846PG-E3815-2G
COM Express type 10 mini module with Intel® Atom™ E3815,
2 GB, DP/LVDS, 10/100/1000Mbps Ethernet and USB 3.0
Optional Accessories
CEM94008
(P/N: E394008100)
ATX from factor type 10 evaluation board
5078D840100E
CEM840 heat spreader
5078D840200E
CEM840 heat sink with fan
5078D840300E
CEM840 heatsink without fan
Low Power
USB 3.0
USB
USB
DualView
Full Solid
Cap Design
Ext. Temp
AiRD
DDR3L
DDR3L
DDR3L


Similar Part No. - CEM846PG-E3815-2G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM846 AXIOMTEK-CEM846_17 Datasheet
285Kb / 1P
   COM Express Type 10 Mini Module with Intel Atom E3800 Family
More results

Similar Description - CEM846PG-E3815-2G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM840 AXIOMTEK-CEM840 Datasheet
316Kb / 1P
   Intel Atom E3800 Family COM Express Type 10 Mini Module
CEM846 AXIOMTEK-CEM846_17 Datasheet
285Kb / 1P
   COM Express Type 10 Mini Module with Intel Atom E3800 Family
CEM300 AXIOMTEK-CEM300 Datasheet
275Kb / 1P
   Processors COM Express Type 10 Mini Module
logo
Adlink Technology Inc.
NANOX-AL ADLINK-NANOX-AL Datasheet
444Kb / 4P
   COM Express Mini Size Type 10 Module
logo
DFI Inc
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
   Intel Atom E3800 Series COM Express Mini
logo
Adlink Technology Inc.
NANOX-BT ADLINK-NANOX-BT Datasheet
430Kb / 4P
   Extreme Rugged COM Express Mini Size Type 10 Module
logo
List of Unclassifed Man...
EMNANO-I2300 ETC2-EMNANO-I2300 Datasheet
1Mb / 2P
   Intel Atom E3800 series processor COM Express짰 Mini Type 10 CPU Module
logo
DFI Inc
BT968 DFI-BT968 Datasheet
1Mb / 2P
   Intel AtomTM E3800 Series COM Express Compact
logo
Axiomtek Co., Ltd.
CEM311 AXIOMTEK-CEM311 Datasheet
272Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium Processor N4200 & Celeron
CEM300 AXIOMTEK-CEM300_17 Datasheet
286Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium & Celeron N3000 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com