Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM500PG-i5-6440EQ Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM500PG-i5-6440EQ
Description  Processor COM Express Type 6 Module with Intel QM170/HM170
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM500PG-i5-6440EQ Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM500PG-i5-6440EQ Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
2
74
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
CEM500
NEW
Features
6th Generation Intel® Core™ i7/i5/i3 &
Celeron® Processor COM Express Type 6
Module with Intel® QM170/HM170
6th generation Intel® Core™ i7/i5/i3 & Celeron® processor
(Skylake-H)
Intel® QM170/HM170 chipset
2 DDR4-2133 SO-DIMMs max. up to 32 GB
Max. up to 24 lanes of PCIe
4 SATA-600
4 USB 3.0 and 8 USB 2.0
Supports TPM function
I/O
Packing List
System
Quick installation guide, user’s manual/utility CD
Display
Ordering Information
Standard
CEM500PG-i7-6820EQ
COM Express type 6 module with Intel® Core™ i7-6820EQ
2.8 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM500PG-i5-6440EQ
COM Express type 6 module with Intel® Core™ i5-6440EQ
2.7 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM500PG-i3-6100E
COM Express type 6 module with Intel® Core™ i3-6100E
2.7GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
Optional
CEB94011
ATX form factor type 6 evaluation board
CPU
6th generation Intel® Core™ processor (Skylake) with
i7-6820EQ (45W), i5-6440EQ (45W), i3-6100E (35W)
System Memory
2 x DDR4-2133 SO-DIMMs support max. up to 32 GB
Chipset
Intel® QM170/HM170
BIOS
AMI uEFI with Intel® Active Management Technology 11.0
supported
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 v3.0
8 x PCIe x1 (7 x1 while internal MAC is connected)
Battery Lithium
N/A
Power Input
ATX: +12V, +5VSB; AT: +12V
Size
125 x 95 mm
Board Thickness
2.0 mm
Temperature
-40ºC ~ +85ºC (-40ºF ~ +185ºF), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x LPC interface
1 x SPI interface
1 x I
2C interface
2 x TX/RX serial interface
SATA
4 x SATA-600 support RAID 0/1/5/10
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i219LM
Audio
HD link interface to baseboard for Codec
USB
4 x USB 3.0 and 8 x USB 2.0
TPM
ST for trusted platform
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Smart Battery
Yes
Chipset
Intel® Gen 9 Graphics
Gfx APIs - DX11/12, OCL2.x, OGL 4.3/4.4
3 independent displays
Display Interface
1 x LVDS; 18/24-bit single/dual channel (optional with eDP)
3 x DDI (DP/HDMI/DVI); 1 x DDI optional w/VGA
DDR4
DDR4
DDR4
USB 3.0
USB
USB
TripleView
Full Solid
Cap Design
AiRD
Ext. Temp
COM Express
Interface Connector
2 x DDR4
SO-DIMM
Intel® QM170/
HM170
6th Gen. Intel® Core™ Processor
Rear view


Similar Part No. - CEM500PG-i5-6440EQ

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500_17 Datasheet
307Kb / 1P
   COM Express Type 6 Module with Intel Xeon and 6th Gen Intel짰 Core i7/i5/i3 Processor
More results

Similar Description - CEM500PG-i5-6440EQ

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM843 AXIOMTEK-CEM843 Datasheet
272Kb / 1P
   COM Express Type 6 Compact Module with Intel Atom Processor E3845
CEM501 AXIOMTEK-CEM501 Datasheet
248Kb / 1P
   Processor COM Express Type 6 Module
logo
Advantech Co., Ltd.
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
logo
Axiomtek Co., Ltd.
CEM842 AXIOMTEK-CEM842_17 Datasheet
229Kb / 1P
   COM Express Type 6 Compact Module with Intel Celeron Processor J1900/N2807
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
   COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
logo
AAEON Technology
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
NANOCOM-LN AAEON-NANOCOM-LN Datasheet
214Kb / 2P
   COM Express Type 1 CPU Module with Onboard Intel Atom N455 Processor
logo
Axiomtek Co., Ltd.
CEM311 AXIOMTEK-CEM311 Datasheet
272Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium Processor N4200 & Celeron
CEM841 AXIOMTEK-CEM841_17 Datasheet
262Kb / 1P
   COM Express Type 2 Basic Module with Intel Celeron Processor J1900/N2807
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com