Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKSMF52N20T Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MKSMF52N20T
Description  N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MKSMF52N20T Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MKSMF52N20T Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. MKSMF52N20T Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KSM52N20 / KSMF52N20T
N-Channel MOSFET
200V, 52A, 0.049
Features
•RDS(on) = 0.041Ω ( Typ.)@ VGS = 10V, ID = 26A
• Low gate charge ( Typ. 49nC)
• Low Crss ( Typ. 66pF)
• Fast switching
• 100% avalanche tested
• Improve dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Kersemi proprietary, planar stripe,
DMOS technology.
This advance technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switching mode power supplies and active power factor
correction.
TO-220
D
G
S
TO-220F
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSM52N20
KSMF52N20T
Units
VDSS
Drain to Source Voltage
200
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
52
52*
A
-Continuous (TC = 100
oC)
33
33*
IDM
Drain Current
- Pulsed
(Note 1)
208
208*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
2520
mJ
IAR
Avalanche Current
(Note 1)
52
A
EAR
Repetitive Avalanche Energy
(Note 1)
35.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25
oC)
357
38.5
W
- Derate above 25oC
2.86
0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
KSM52N20
KSMF52N20T
Units
RθJC
Thermal Resistance, Junction to Case
0.35
3.3
oC/W
RθCS
Thermal Resistance, Case to Sink Typ.
0.5
-
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
*Drain current limited by maximum junction temperature
2014-7-2
1
www.kersemi.com


Similar Part No. - MKSMF52N20T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
MKS Instruments.
MKS-CM MKS-MKS-CM Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
MKS-PAC-100 MKS-MKS-PAC-100 Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
MKS-PAC-1000 MKS-MKS-PAC-1000 Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
logo
Omron Electronics LLC
MKS-X OMRON-MKS-X Datasheet
2Mb / 12P
   General Purpose Power Relays
More results

Similar Description - MKSMF52N20T

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com