Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS6663CCQ05I1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VS6663CCQ05I1
Description  1.3 megapixel camera module
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CCQ05I1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VS6663CCQ05I1 Datasheet HTML 3Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 4Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 5Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 6Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 7Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 8Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 9Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 10Page - STMicroelectronics VS6663CCQ05I1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Doc ID028526 Rev 1
7/63
VS6663CC
Overview
46
1
Overview
The VS6663CC 1.3 Mpixel image sensor produces raw digital video data at up to 30 fps. It
has both CCP2 and MIPI CSI-2 video data interfaces selectable over the camera control
interface (CCI).
The image data is digitized using an internal 10-bit column ADC. The resulting 10-bit pixel
data is output as 8-bit, 10-bit or 10-8 bit compressed data and includes checksums and
embedded codes for synchronization. The interface conforms to both the CCP2 and MIPI
CSI-2 interface standards. The sensor is fully configurable through a CCI serial interface.
The module is available in a SMOP type package measuring 6.5 mm x 6.5 mm x 4.1 mm. It
is designed to be used with a board mounted socket or flex.
Figure 1. VS6663CC camera module
Table 2. Technical specification
Feature
Detail
Sensor technology
IMG140 ST’s 65 nm based
CMOS imaging process
Pixel size
1.75 µm x 1.75 µm
Analogue gain
24 dB (max)
Dynamic range
60 dB (typical)
Signal to noise
38 dB (typical)
SNR10 value
50 lux
Supply voltage
Analogue: 2.6 V to 2.9 V
Digital: 1.68 V to 1.92 V
Average power consumption
30 fps
150 mW (typical)
Lens
51° HFOV F/2.8
TV distortion
<1%
System attach
Socket or flex


Similar Part No. - VS6663CCQ05I1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6663CAQ05I STMICROELECTRONICS-VS6663CAQ05I Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6663CAQ05I1 STMICROELECTRONICS-VS6663CAQ05I1 Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663CBQ05I STMICROELECTRONICS-VS6663CBQ05I Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663CBQ05I1 STMICROELECTRONICS-VS6663CBQ05I1 Datasheet
950Kb / 64P
   1.3 megapixel camera module
More results

Similar Description - VS6663CCQ05I1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
   1.3 Megapixel Mobile Camera Module
VL6624 STMICROELECTRONICS-VL6624 Datasheet
2Mb / 106P
   1.3 Megapixel single-chip camera module
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
   0.5 Megapixel Camera Module
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
   5.1 megapixel EDOF camera module
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
   2 Megapixel SMIA Camera Module
VS6724 STMICROELECTRONICS-VS6724 Datasheet
1Mb / 118P
   2 Megapixel single-chip camera module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com