Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ7140AJTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ7140AJTR
Description  Quad channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7140AJTR Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ7140AJTR Datasheet HTML 1Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 2Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 3Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 4Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 5Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 6Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 7Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 8Page - STMicroelectronics VNQ7140AJTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
VNQ7140AJ
Block diagram and pin description
1
Block diagram and pin description
Figure 1: Block diagram
Table 1: Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1,2,3
Power output.
GND
Ground connection. Must be reverse battery protected by an external
diode / resistor network.
INPUT0,1,2,3
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V
CMOS outputs. It controls output switch state.
MultiSense
Multiplexed analog sense output pin; it delivers a current proportional to
the selected diagnostic: load current, supply voltage or chip temperature.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables
the MultiSense diagnostic pin.
SEL0,1,2
Active high compatible with 3 V and 5 V CMOS outputs pin; they address
the MultiSense multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches
the output in case of fault; If kept low, sets the outputs in auto-restart
mode.
Channel 3
Channel 2
CH 3
CH 2
Channel 1
Control & Diagnostic
Channel 0
VCC
VON
Limitation
Current
Limitation
VCC– OUT
Clamp
Internal supply
CH 1
OUTPUT0
CH 0
Current
Sens e
0
GND
Undervoltage
shut-down
VCC– GND
Clamp
Fault
T
Short to VCC
Open-Load in OFF
Overtemperature
Power Limitation
T
VSENSEH
INPUT0
SEL0
SEL2
SEn
Multisense
FaultRST
INPUT1
OUTPUT1
VCC
Gate Driver
INPUT2
INPUT3
OUTPUT2
OUTPUT3
SEL1
GAPGCFT00378
DocID027404 Rev 1
5/46


Similar Part No. - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
More results

Similar Description - VNQ7140AJTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
September 2014 Rev 8
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com