Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND7050AJ Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND7050AJ
Description  Double channel high-side driver with MultiSense analog feedback
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7050AJ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND7050AJ Datasheet HTML 6Page - STMicroelectronics VND7050AJ Datasheet HTML 7Page - STMicroelectronics VND7050AJ Datasheet HTML 8Page - STMicroelectronics VND7050AJ Datasheet HTML 9Page - STMicroelectronics VND7050AJ Datasheet HTML 10Page - STMicroelectronics VND7050AJ Datasheet HTML 11Page - STMicroelectronics VND7050AJ Datasheet HTML 12Page - STMicroelectronics VND7050AJ Datasheet HTML 13Page - STMicroelectronics VND7050AJ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Electrical specification
VND7050AJ
Table 7: Logic inputs
7 V < VCC < 28 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
INPUT0,1 characteristics
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
FaultRST
characteristics
VFRL
Input low level voltage
0.9
V
IFRL
Low level input current
VIN = 0.9 V
1
µA
VFRH
Input high level voltage
2.1
V
IFRH
High level input current
VIN = 2.1 V
10
µA
VFR(hyst)
Input hysteresis voltage
0.2
V
VFRCL
Input clamp voltage
IIN = 1 mA
5.3
7.5
V
IIN = -1 mA
-0.7
SEL0,1 characteristics (7 V < VCC < 18 V)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VIN = 0.9 V
1
µA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VIN = 2.1 V
10
µA
VSEL(hyst)
Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
SEn characteristics (7 V < VCC < 18 V)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VIN = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VIN = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
10/46
DocID027396 Rev 1


Similar Part No. - VND7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7050AJ12TR STMICROELECTRONICS-VND7050AJ12TR Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
More results

Similar Description - VND7050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ-E STMICROELECTRONICS-VND7050AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 10
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback
October 2014 Rev 9
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
   Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
   High-side driver with MultiSense analog feedback
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback
VNQ7140AJ STMICROELECTRONICS-VNQ7140AJ Datasheet
1Mb / 46P
   Quad channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com