Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE844RF6680MR30L2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE844RF6680MR30L2
Description  Capacitor, film, 0.68 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE844RF6680MR30L2 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE844RF6680MR30L2 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 867d6ded-9740-42f4-91e8-05d00a4d0ccf
KEMET Part Number: PHE844RF6680MR30L2
(F844FR684M440ALW0L, PHE844RF6680MF14R30L2)
Capacitor, film, 0.68 uF, +/-20% Tol, -40/+105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
31.5
MAX
H
28
MAX
T
17.5
MAX
S
27.5
+/-0.4
LL
30
+0/-1
F
0.8
NOM
Packaging Specifications
Package Kind: Bulk
Package Type: Tray
Package Quantity: 126
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X1
Style: Radial Box
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL
RoHS: Yes
Specifications
Capacitance: 0.68 uF
Voltage: 1000 VDC
Tolerance: +/-20%
Voltage AC: 480 VAC
Voltage: 440 VAC (ENEC)
Rated Temperature: 105C
Temperature Range: -40/+105C
Dissipation Factor @ 1 kHz: 0.1%
Dissipation Factor @ 10 kHz: 0.4%
Insulation Resistance: 14.71 GOhm
Maximum dVdT: 100 v/us
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE844RF6680MR30L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE844RF6680MR06L2 ETC-PHE844RF6680MR06L2 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
More results

Similar Description - PHE844RF6680MR30L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RF6220MR30L2 KEMET-PHE844RF6220MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
PHE844RF6470MR06L2 KEMET-PHE844RF6470MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
PHE844RF7100MR30L2 KEMET-PHE844RF7100MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
PHE844RF6330MR06L2 KEMET-PHE844RF6330MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
PHE845VF6330MR06L2 KEMET-PHE845VF6330MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=27.5 mm
PHE845VR6680MR06L2 KEMET-PHE845VR6680MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=37.5 mm
PHE844RR7100MR06L2 KEMET-PHE844RR7100MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=37.5 mm
PHE844RD6330MR30L2 KEMET-PHE844RD6330MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
PHE844RD6220MR30L2 KEMET-PHE844RD6220MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
PHE844RD6470MR30L2 KEMET-PHE844RD6470MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com