Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-6RLRM Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MCR100-6RLRM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR100-6RLRM Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MCR100-6RLRM Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR100-6RLRM Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR100-6RLRM Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR100-6RLRM Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR100-6RLRM Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR100-6RLRM Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR100 Series
www.kersemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance − Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
75
200
°C/W
Lead Solder Temperature
(
t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current(Note 2) TC = 25°C
(VD = Rated VDRM and VRRM; RGK = 1 kW)TC = 110°C
IDRM, IRRM
10
100
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage*
(ITM = 1.0 A Peak @ TA = 25°C)
VTM
1.7
V
Gate Trigger Current (Continuous dc)(Note 3)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)
IGT
40
200
mA
Holding Current(2)
TC = 25°C
(VAK = 7.0 Vdc, Initiating Current = 20 mA)
TC = −40°C
IH
0.5
5.0
10
mA
Latch Current
TC = 25°C
(VAK = 7.0 V, Ig = 200 mA)
TC = −40°C
IL
0.6
10
15
mA
Gate Trigger Voltage (Continuous dc)(Note 3)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)TC = −40°C
VGT
0.62
0.8
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, Exponential Waveform, RGK = 1000 W,TJ = 110°C)
dV/dt
20
35
V/
ms
Critical Rate of Rise of On−State Current
(IPK = 20 A; Pw = 10 msec; diG/dt = 1 A/msec, Igt = 20 mA)
di/dt
50
A/
ms
*Indicates Pulse Test: Pulse Width
≤ 1.0 ms, Duty Cycle ≤ 1%.
2. RGK = 1000 W included in measurement.
3. Does not include RGK in measurement.
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak on State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)


Similar Part No. - MCR100-6RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-6RLRM ONSEMI-MCR100-6RLRM Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
MCR100-6RLRM ONSEMI-MCR100-6RLRM Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
MCR100-6RLRMG ONSEMI-MCR100-6RLRMG Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
MCR100-6RLRMG ONSEMI-MCR100-6RLRMG Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
More results

Similar Description - MCR100-6RLRM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com