Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF080601E Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTF080601E
Description  LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080601E Datasheet(HTML) 6 Page - Infineon Technologies AG

  PTF080601E Datasheet HTML 1Page - Infineon Technologies AG PTF080601E Datasheet HTML 2Page - Infineon Technologies AG PTF080601E Datasheet HTML 3Page - Infineon Technologies AG PTF080601E Datasheet HTML 4Page - Infineon Technologies AG PTF080601E Datasheet HTML 5Page - Infineon Technologies AG PTF080601E Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Edition 2003-12-05
Published by Infineon Technologies AG,
St.-Martin-Strasse 53,
81669 München, Germany
© InfineonTechnologies AG 2003.
All Rights Reserved.
Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of
characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com/rfpower).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are
intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it
is reasonable to assume that the health of the user or other persons may be endangered.
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GOLDMOS) USA
or +1 408 776 0600 International
PTF080601
Revision History:
2003-12-05
Developmental
Previous Version:
none
Page
Subjects (major changes since last revision)


Similar Part No. - PTF080601E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTF080451 INFINEON-PTF080451 Datasheet
158Kb / 9P
   LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
2004-06-24
More results

Similar Description - PTF080601E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080451 INFINEON-PTF080451 Datasheet
158Kb / 9P
   LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
2004-06-24
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
   LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
logo
Ericsson
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
   60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10139 ERICSSON-PTF10139 Datasheet
115Kb / 6P
   60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
logo
Infineon Technologies A...
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
logo
Tyco Electronics
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com