Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR218-2 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MCR218-2
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR218-2 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MCR218-2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR218-2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR218-2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR218-2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR218-2 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCR218–2, MCR218–4, MCR218–6
www.kersemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.0
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM, IRRM
10
2.0
µA
mA
ON CHARACTERISTICS
Peak Forward On-State Voltage(1)
(ITM = 16 A Peak)
VTM
1.5
1.8
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 100 Ohms)
IGT
10
25
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 Ohms)
VGT
1.5
Volts
Gate Non–Trigger Voltage
(Rated 12 V, RL = 100 Ohms, TJ = 125°C)
VGD
0.2
Volts
Holding Current
(VD = 12 Vdc, Initiating Current = 200 mA, Gate Open)
IH
16
30
mA
DYNAMIC CHARACTERISTICS
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
100
V/
µs
(1) Pulse Test: Pulse Width = 1.0 ms, Duty Cycle
≤ 2%.


Similar Part No. - MCR218-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR218-2 ONSEMI-MCR218-2 Datasheet
55Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Digitron Semiconductors
MCR218-2 DIGITRON-MCR218-2 Datasheet
295Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR218-2 NJSEMI-MCR218-2 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
logo
ON Semiconductor
MCR218-2G ONSEMI-MCR218-2G Datasheet
55Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results

Similar Description - MCR218-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com