Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR72-8 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MCR72-8
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MCR72-8 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MCR72-8 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR72-8 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR72-8 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR72-8 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MCR72-3, MCR72-6,
MCR72-8
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for industrial and consumer applications such as
temperature, light and speed control; process and remote controls;
warning systems; capacitive discharge circuits and MPU interface.
Center Gate Geometry for Uniform Current Density
All Diffused and Glass-Passivated Junctions for Parameter
Uniformity and Stability
Small, Rugged Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Low Trigger Currents, 200 µA Maximum for Direct Driving from
Integrated Circuits
Device Marking: Logo, Device Type, e.g., MCR72–3, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage(1)
(TJ = *40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR72–3
MCR72–6
MCR72–8
VDRM,
VRRM
100
400
600
Volts
On-State RMS Current
(180
° Conduction Angles; TC = 83°C)
IT(RMS)
8.0
Amps
Peak Non-Repetitive Surge Current
(1/2 Cycle, 60 Hz, TJ = 110°C)
ITSM
100
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
40
A2s
Forward Peak Gate Voltage
(t
≤ 10 µs, TC = 83°C)
VGM
"5.0
Volts
Forward Peak Gate Current
(t
≤ 10 µs, TC = 83°C)
IGM
1.0
Amp
Forward Peak Gate Power
(t
≤ 10 µs, TC = 83°C)
PGM
5.0
Watts
Average Gate Power
(t = 8.3 ms, TC = 83°C)
PG(AV)
0.75
Watt
Operating Junction Temperature Range
TJ
– 40 to
+110
°C
Storage Temperature Range
Tstg
– 40 to
+150
°C
Mounting Torque
8.0
in. lb.
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
SCRs
8 AMPERES RMS
100 thru 600 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
MCR72–3
TO220AB
500/Box
www.kersemi.com
K
G
A
TO–220AB
CASE 221A
STYLE 3
1
2
3
4
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
MCR72–6
TO220AB
500/Box
MCR72–8
TO220AB
500/Box
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MCR72-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR72-8 ONSEMI-MCR72-8 Datasheet
80Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
January, 2015 ??Rev. 5
MCR72-8 ONSEMI-MCR72-8 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72-8 ONSEMI-MCR72-8 Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2008 ??Rev. 4
logo
Digitron Semiconductors
MCR72-8 DIGITRON-MCR72-8 Datasheet
223Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR72-8 NJSEMI-MCR72-8 Datasheet
84Kb / 2P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR72-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com