Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN7004AH-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN7004AH-E
Description  High-side driver with CurrentSense analog feedback for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004AH-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN7004AH-E Datasheet HTML 4Page - STMicroelectronics VN7004AH-E Datasheet HTML 5Page - STMicroelectronics VN7004AH-E Datasheet HTML 6Page - STMicroelectronics VN7004AH-E Datasheet HTML 7Page - STMicroelectronics VN7004AH-E Datasheet HTML 8Page - STMicroelectronics VN7004AH-E Datasheet HTML 9Page - STMicroelectronics VN7004AH-E Datasheet HTML 10Page - STMicroelectronics VN7004AH-E Datasheet HTML 11Page - STMicroelectronics VN7004AH-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical specification
VN7004AH-E
8/36
DocID022484 Rev 8
2.2
Thermal data
EMAX
Maximum switching energy (single pulse)
TDEMAG = 0.4 ms; IOUT = 19 A; Tjstart = 150°C
165
mJ
VESD
Electrostatic discharge (JEDEC 22A-114F)
– INPUT
– CurrentSense
– SEn
– OUTPUT
–VCC
4000
2000
4000
4000
4000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
Table 4. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 5. Thermal data
Symbol
Parameter
Typ. value
Unit
Rthj-board Thermal resistance junction-board
(1)
1. Device mounted on four-layers 2s2p PCB
2.1
°C/W
Rthj-amb Thermal resistance junction-ambient (JEDEC JESD 51-5)
(2)
2. Device mounted on two-layers 2s0p PCB with 2 cm2 heatsink copper trace
57.9
Rthj-amb Thermal resistance junction-ambient (JEDEC JESD 51-7)
(1)
15.4


Similar Part No. - VN7004AH-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7004CHTR STMICROELECTRONICS-VN7004CHTR Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7004CLHTR STMICROELECTRONICS-VN7004CLHTR Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
More results

Similar Description - VN7004AH-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 6
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
   High-side driver with CurrentSense analog feedback for automotive applications
Rev 5
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
   Double channel high-side driver with CurrentSense analog feedback for automotive applications
Rev 2 - November 2018
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com