Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF080451 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
3 of 9
2004-06-24
PTF080451
Typical Performance (cont.)
All published data at TCASE = 25°C unless otherwise indicated.
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
VDD = 28 V, IDQ = 450 mA, f1 = 959 MHz, f2 = 960 MHz
-80
-70
-60
-50
-40
-30
-20
-10
0
36
38
40
42
44
46
48
Output Power (dBm ), PEP
3rd Order
7th
5th
14
15
16
17
18
860
880
900
920
940
960
Frequency (MHz)
40
50
60
70
80
Output Pow er
Efficiency
Gain
Typical POUT, Gain & Efficiency (at P-1dB)
vs. Frequency
VDD = 28 V, IDQ = 450 mA
IM3 vs. Output Power at Selected Biases
VDD = 28 V, f1 = 959, f2 = 960 MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
36
38
40
42
44
46
Output Power (dBm), PEP
350 mA
550 mA
450 mA
Broadband Performance
VDD = 28 V, IDQ = 450 mA, POUT = 22.5 W
10
20
30
40
50
60
860
880
900
920
940
960
Frequency (MHz)
-20
-16
-12
-8
-4
0
Gain
Return Loss
Efficiency


Similar Part No. - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
   LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
More results

Similar Description - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
   LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
   LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
logo
Tyco Electronics
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com