Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS4115-7TRL Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # AUIRFS4115-7TRL
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRFS4115-7TRL Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIRFS4115-7TRL Datasheet HTML 1Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 2Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 3Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 4Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 5Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 6Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 7Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 8Page - Infineon Technologies AG AUIRFS4115-7TRL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
AUIRFS4115-7P
2
2015-12-4
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.115mH, RG = 25, IAS = 63A, VGS =10V. Part not recommended for use above
this value.
ISD 63A, di/dt 2510A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994
Ris measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.18
–––
V/°C Reference to 25°C, ID = 3.5mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
10
11.8
m
 VGS = 10V, ID = 63A 
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
gfs
Forward Trans conductance
93
–––
–––
S
VDS = 50V, ID = 63A
RG
Gate Resistance
–––
2.1
–––

IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 150V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
73
110
nC  
ID = 63A
Qgs
Gate-to-Source Charge
–––
28
–––
VDS = 75V
Qgd
Gate-to-Drain Charge
–––
28
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
45
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
VDD = 98V
tr
Rise Time
–––
50
–––
ID = 63A
td(off)
Turn-Off Delay Time
–––
37
–––
RG= 2.1
tf
Fall Time
–––
23
–––
VGS = 10V
Ciss
Input Capacitance
–––
5320 –––
pF  
VGS = 0V
Coss
Output Capacitance
–––
490
–––
VDS = 50V
Crss
Reverse Transfer Capacitance
–––
110
–––
ƒ = 1.0MHz
Coss eff.(ER)
Effective Output Capacitance (Energy Related)
–––
450
–––
VGS = 0V, VDS = 0V to 120V
Coss eff.(TR)
Effective Output Capacitance (Time Related)
–––
520
–––
VGS = 0V, VDS = 0V to 120V
Diode Characteristics  
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
104
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
420
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 63A,VGS = 0V 
trr
Reverse Recovery Time
–––
82
–––
ns
TJ = 25°C
VDD = 130V
–––
99
–––
TJ = 125°C
IF = 63A,
Qrr
Reverse Recovery Charge
–––
271
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
385
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
6.0
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)


Similar Part No. - AUIRFS4115-7TRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS4115 INFINEON-AUIRFS4115 Datasheet
727Kb / 10P
   HEXFET Power MOSFET
2015-10-27
AUIRFS4115 INFINEON-AUIRFS4115 Datasheet
750Kb / 10P
   Advanced Process Technology
2015-10-27
AUIRFS4115TRL INFINEON-AUIRFS4115TRL Datasheet
727Kb / 10P
   HEXFET Power MOSFET
2015-10-27
More results

Similar Description - AUIRFS4115-7TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com