Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7734M2TR Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AUIRF7734M2TR
Description  Automotive DirectFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRF7734M2TR Datasheet(HTML) 3 Page - Infineon Technologies AG

  AUIRF7734M2TR_15 Datasheet HTML 1Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 2Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 3Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 4Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 5Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 6Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 7Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 8Page - Infineon Technologies AG AUIRF7734M2TR_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
AUIRF7734M2TR
3
2015-10-5
Diode Characteristics
  
 
 
Symbol
Parameter
Min.
Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
72
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 43A, VGS = 0V 
trr  
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C, IF = 43A, VDD = 25V
Qrr
Reverse Recovery Charge
–––
26
39
nC
dv/dt = 100A/µs 
288
Surface mounted on 1 in.
square Cu board (still air).
Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air).
Mounted to a PCB with
small clip heatsink (still air)
Click on this section to link to the appropriate technical paper.
Click on this section to link to the DirectFET® Website.
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple mounted to top (Drain) of part.
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.06mH, RG = 50, IAS = 43A, VGS = 20V.
Pulse width
 400µs; duty cycle  2%.
Used double sided cooling, mounting pad with large heatsink.
Mounted on minimum footprint full size board with metalized back and with small clip heat sink.
Ris measured at TJ of approximately 90°C.
D
S
G


Similar Part No. - AUIRF7734M2TR_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7734M2TR1 IRF-AUIRF7734M2TR1 Datasheet
230Kb / 11P
   Automotive DirectFETPower MOSFET
More results

Similar Description - AUIRF7734M2TR_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7759L2TR INFINEON-AUIRF7759L2TR_15 Datasheet
446Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
AUIRL7766M2TR INFINEON-AUIRL7766M2TR_15 Datasheet
440Kb / 11P
   Automotive DirectFET Power MOSFET
2015-12-11
AUIRF7769L2TR INFINEON-AUIRF7769L2TR_15 Datasheet
453Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
logo
International Rectifier
AUIRF7669L2TR IRF-AUIRF7669L2TR Datasheet
288Kb / 11P
   Automotive DirectFET Power MOSFET
AUIRF7736M2TR1 IRF-AUIRF7736M2TR1 Datasheet
300Kb / 10P
   Automotive DirectFETPower MOSFET
logo
Infineon Technologies A...
AUIRF7737L2TR INFINEON-AUIRF7737L2TR Datasheet
298Kb / 10P
    Automotive DirectFET Power MOSFET
11/08/10
AUIRF7669L2TR INFINEON-AUIRF7669L2TR_15 Datasheet
449Kb / 11P
   Automotive DirectFET Power MOSFET
2015-11-16
logo
International Rectifier
AUIRL7766M2TR IRF-AUIRL7766M2TR Datasheet
234Kb / 11P
   Automotive DirectFETPower MOSFET
AUIRF7669L2TR IRF-AUIRF7669L2TR_11 Datasheet
249Kb / 11P
   Automotive DirectFET Power MOSFET
AUIRF7734M2TR IRF-AUIRF7734M2TR Datasheet
230Kb / 11P
   Automotive DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com