Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA130-D6 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TSA130-D6
Description  65-130W Single & Dual Outputs Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSA130-D6 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TSA130-D6 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TSA130-D6 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSA130_2015-05-07
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TSA130 Series
65-130W Single & Dual Outputs Power Adapters
SINGLE OUTPUT
*
.
o
N
t
c
u
d
o
r
P
*
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
3
.
3
S
-
0
3
1
A
S
T
V
3
.
3A
7
2
.
7
2%
7W
0
9
5
0
S
-
0
3
1
A
S
T
V
5A
3
2%
7W
5
1
1
2
1
S
-
0
3
1
A
S
T
V
2
1A
3
8
.
0
1%
5W
0
3
1
5
1
S
-
0
3
1
A
S
T
V
5
1A
6
6
.
8%
5W
0
3
1
9
1
S
-
0
3
1
A
S
T
V
9
1A
4
8
.
6%
5W
0
3
1
4
2
S
-
0
3
1
A
S
T
V
4
2A
1
4
.
5%
5W
0
3
1
0
3
S
-
0
3
1
A
S
T
V
0
3A
3
3
.
4%
5W
0
3
1
6
3
S
-
0
3
1
A
S
T
V
6
3A
1
6
.
3%
3W
0
3
1
8
4
S
-
0
3
1
A
S
T
V
8
4A
7
.
2%
3W
0
3
1
4
5
S
-
0
3
1
A
S
T
V
4
5A
4
.
2%
3W
0
3
1
MODELS LIST
.
o
N
t
c
u
d
o
r
P
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
t
u
p
t
u
O
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
.
n
i
M
.
x
a
M
1
D
-
0
3
1
A
S
T
V
3
.
3
+A
4A
0
2%
7
W
0
9
V
2
1
+A
0A
2%
5
2
D
-
0
3
1
A
S
T
V
5
+A
4A
0
2%
7
W
0
2
1
V
2
1
+A
0A
2%
5
1
2
D
-
0
3
1
A
S
T
V
5
+A
2A
0
1%
5
W
0
1
1
V
2
1
+A
1A
5%
0
1
3
D
-
0
3
1
A
S
T
V
5
+A
4A
0
2%
7
W
0
2
1
V
5
1
+A
0A
2%
5
4
D
-
0
3
1
A
S
T
V
5
+A
4A
0
2%
7
W
0
2
1
V
4
2
+A
2
.
0A
2%
5
5
D
-
0
3
1
A
S
T
V
5
.
5
+A
2A
0
1%
5
W
5
.
7
1
1
V
5
.
2
1
+A
1A
5%
0
1
6
D
-
0
3
1
A
S
T
V
5
.
3
+A
8
.
0A
8%
5
W
6
.
4
6
V
2
.
2
1
+A
0A
3%
5
DUAL OUTPUTS
*Specify output voltage within 3-55V when ordering non-standard models, e.g. TSA130-S28 for 28V.


Similar Part No. - TSA130-D6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA13 ETC1-TSA13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Tumbler Technologies + ...
TSA131 TRUMPOWER-TSA131 Datasheet
245Kb / 2P
   130W ITE Grade Power Adapters
More results

Similar Description - TSA130-D6

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSA131 TRUMPOWER-TSA131 Datasheet
245Kb / 2P
   130W ITE Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TPA150 TRUMPOWER-TPA150 Datasheet
94Kb / 2P
   150 Watts Multiple Outputs Power Adapters
logo
Bel Fuse Inc.
MBC60 BEL-MBC60 Datasheet
817Kb / 5P
   50 - 65 W Single to Triple Outputs
logo
Mospec Semiconductor
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
SL Power Electronics
LBS130S SLPOWER-LBS130S Datasheet
296Kb / 3P
   130W Single Output LED Supply
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Mospec Semiconductor
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
List of Unclassifed Man...
PTH65 ETC-PTH65 Datasheet
127Kb / 2P
   65 Watts Single, Dual & Triple Output Switching Power Supply
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com