Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE65R180F Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65R180F
Description  N-Channel Super Junction Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65R180F Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE65R180F Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R180F Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
2
NCE65R180,NCE65R180F
Parameter
Symbol
NCE65R180
NCE65R180F
Unit
Drain Source voltage slope, VDS ≤480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
* limited by maximum junction temperature
Table 2.
Thermal Characteristic
Parameter
Symbol
NCE65R180
NCE65R180F
Unit
Thermal Resistance,Junction-to-Case(Maximum)
RthJC
0.62
3.67
°C /W
Thermal Resistance,Junction-to-Ambient (Maximum)
RthJA
62.5
80
°C /W
Table 3.
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
650
V
Zero Gate Voltage Drain Current(Tc=25℃)
IDSS
VDS=650V,VGS=0V
0.05
1
μA
Zero Gate Voltage Drain Current(Tc=125℃)
IDSS
VDS=650V,VGS=0V
100
μA
Gate-Body Leakage Current
IGSS
VGS=±30V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2.5
3
3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=10.5A
150
180
mΩ
Dynamic Characteristics
Forward Transconductance
gFS
VDS = 20V, ID = 10.5A
17.5
S
Input Capacitance
Clss
1950
PF
Output Capacitance
Coss
150
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
5
PF
Total Gate Charge
Qg
45
70
nC
Gate-Source Charge
Qgs
9
nC
Gate-Drain Charge
Qgd
VDS=480V,ID=21A,
VGS=10V
18
nC
Intrinsic gate resistance
RG
f = 1 MHz open drain
1
Switching times
Turn-on Delay Time
td(on)
11
nS
Turn-on Rise Time
tr
6
nS
Turn-Off Delay Time
td(off)
61
100
nS
Turn-Off Fall Time
tf
VDD=380V,ID=11A,
RG=4Ω,VGS=10V
4.5
12
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
21
A
Pulsed Source-drain current(Body Diode)
ISDM
TC=25°C
63
A
Forward on voltage
VSD
Tj=25°C,ISD=21A,VGS=0V
0.9
1.3
V
Reverse Recovery Time
trr
310
nS
Reverse Recovery Charge
Qrr
5
uC
Peak Reverse Recovery Current
Irrm
Tj=25°C,IF=21A,di/dt=100A/μs
28
A
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25℃,VDD=50V,VG=10V, R
G=25Ω


Similar Part No. - NCE65R180F

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE65R180T NCEPOWER-NCE65R180T Datasheet
522Kb / 7P
   N-Channel Super Junction Power MOSFET
More results

Similar Description - NCE65R180F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
   N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
   N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
   N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
   N-Channel Super Junction Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
   N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
   N-Channel Super Junction Power MOSFET
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
   N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
   N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
   N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
   N-Channel Super Junction Power MOSFET
logo
First Silicon Co., Ltd
FTK65T180 FS-FTK65T180 Datasheet
858Kb / 9P
   N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com