Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB2304 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PMB2304
Description  PLL-FREQUENCY SYNTHESIZER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB2304 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PMB2304 Datasheet HTML 7Page - Infineon Technologies AG PMB2304 Datasheet HTML 8Page - Infineon Technologies AG PMB2304 Datasheet HTML 9Page - Infineon Technologies AG PMB2304 Datasheet HTML 10Page - Infineon Technologies AG PMB2304 Datasheet HTML 11Page - Infineon Technologies AG PMB2304 Datasheet HTML 12Page - Infineon Technologies AG PMB2304 Datasheet HTML 13Page - Infineon Technologies AG PMB2304 Datasheet HTML 14Page - Infineon Technologies AG PMB2304 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Functional Description
3 - 4
PMB 2304R
preliminary
Wireless Components
Specification, June 2002
8
NC
not connected
9
NC
not connected
10
FI
VCO-Frequency
Input with highly sensitive preamplifier for
14-bit N-counter and 7-bit A-counter. With
small input signals AC coupling must be
set up, where DC coupling can be used
for large input signals.
11
V
SS1
Ground for the preamplifiers, counters,
phase detector and charge pump.
(Note: The pins V
DD and VDD
1 respec-
tively V
SS and VSS
1 have to have the
same supply voltage.)
12
PD
Phase Detector
Tristate charge pump output. The inte-
grated, positive and negative current
sources can be programmed with respect
to their current density by means of the
serial control. Activation and deactivation
depend on the phase relationship of the
scaled-down input signals FI:N, RI:R.
(See phase detector output waveforms.)
frequencyf
V < fR or fV lagging:p-channel
current source active
frequencyf
V > fR or fR leading:n-channel
current source active
frequencyf
V = fR and PLL locked:current
sources are switched off,
PD-output is tristate
In standby mode the PD-output is set to
tristate. The assignment of the current
sources to the output signals of the phase
detector can be swapped in it’s polarity,
i.e. the sign of the phase detector con-
stant can be controlled.
13
V
DD1
Positive supply voltage for the preamplifi-
ers, counters, phase detector and charge
pump.
56 0
ESD
2p F
ST D B Y
ST D B Y
FI
5 00K
P in10
ES D
*2pF
pin 12
PD
* O n ly th is pin has lim ited build -in E S D
protection


Similar Part No. - PMB2304

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2306 SIEMENS-PMB2306 Datasheet
760Kb / 35P
   PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
PMB2306R SIEMENS-PMB2306R Datasheet
760Kb / 35P
   PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
PMB2306T SIEMENS-PMB2306T Datasheet
760Kb / 35P
   PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
PMB2307 SIEMENS-PMB2307 Datasheet
673Kb / 3P
   GSM Receiver PCN/PCS Receiver
More results

Similar Description - PMB2304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com