Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB2110 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PMB2110
Description  GSM DUALBAND TX VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB2110 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PMB2110 Datasheet HTML 5Page - Infineon Technologies AG PMB2110 Datasheet HTML 6Page - Infineon Technologies AG PMB2110 Datasheet HTML 7Page - Infineon Technologies AG PMB2110 Datasheet HTML 8Page - Infineon Technologies AG PMB2110 Datasheet HTML 9Page - Infineon Technologies AG PMB2110 Datasheet HTML 10Page - Infineon Technologies AG PMB2110 Datasheet HTML 11Page - Infineon Technologies AG PMB2110 Datasheet HTML 12Page - Infineon Technologies AG PMB2110 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PMB 2110
Version 1.1
Functional Description
Specification
9
2001-07-30
2
Functional Description
2.1
Pin Configuration
Pin_config.wmf
Figure 2-1
Pin Configuration
BS W
O U T _ DCS
GN D
OU T _ G S M
PD
OU T _ MIX
OU T _ M IX X
GN D
V T UNE
VC C
1
2
3
4
5
10
9
8
7
6
P M B 2110


Similar Part No. - PMB2110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2100 INFINEON-PMB2100 Datasheet
583Kb / 20P
   GSM LO1 VCO
V 1.1, 2001-07-30
More results

Similar Description - PMB2110

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
logo
Infineon Technologies A...
PMB2100 INFINEON-PMB2100 Datasheet
583Kb / 20P
   GSM LO1 VCO
V 1.1, 2001-07-30
logo
Mitsubishi Electric Sem...
MF1173V-1 MITSUBISHI-MF1173V-1 Datasheet
48Kb / 1P
   FOR GSM MOBILE TELEPHONE, Tx
MF1042S-1 MITSUBISHI-MF1042S-1 Datasheet
147Kb / 1P
   FOR GSM MOBILE TELEPHONE, Tx
logo
EPCOS
B5057 EPCOS-B5057 Datasheet
94Kb / 8P
   SAW Tx Filter R-GSM
logo
Mitsubishi Electric Sem...
MF1157V-2 MITSUBISHI-MF1157V-2 Datasheet
72Kb / 1P
   FOR E-GSM MOBILE TELEPHONE, Tx
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
logo
Skyworks Solutions Inc.
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77529 SKYWORKS-SKY77529_10 Datasheet
83Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77528 SKYWORKS-SKY77528 Datasheet
79Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com