Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G06DRLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DRLR
Description  Single Inverter Buffer/Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DRLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G06DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 9Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 10Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 11Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 12Page - Texas Instruments SN74LVC1G06DRLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A
Y
1
3
SN74LVC1G06
www.ti.com
SCES295X – JUNE 2000 – REVISED AUGUST 2015
9 Detailed Description
9.1 Overview
The SN74LVC1G06 device contains one open-drain inverter with a maximum sink current of 32 mA. This device
is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
9.2 Functional Block Diagram
9.3 Feature Description
The wide operating voltage range of 1.65 V to 5.5 V allows the SN74LVC1G06 to be used in systems with many
different voltage rails. In addition, the voltage tolerance on the output allows the device to be used for inverting
up-translation or down-translation. The IOFF feature safely allows voltage on the inputs and outputs when no VCC
is present.
9.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1G06.
Table 1. Function Table
INPUT
OUTPUT
A
Y
L
Hi-Z
H
L
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC1G06


Similar Part No. - SN74LVC1G06DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06DRLR TI-SN74LVC1G06DRLR Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DRLR TI1-SN74LVC1G06DRLR Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
SN74LVC1G06DRLRG4 TI1-SN74LVC1G06DRLRG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - SN74LVC1G06DRLR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Renesas Technology Corp
HD74ALVC1G06 RENESAS-HD74ALVC1G06 Datasheet
76Kb / 7P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G06 RENESAS-HD74ALVC1G06_15 Datasheet
109Kb / 9P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
HD74ALVC1G04 RENESAS-HD74ALVC1G04 Datasheet
80Kb / 10P
   Single Inverter Buffer
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com