Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4046APWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LV4046APWRG4
Description  High-Speed CMOS Logic Phase-Locked Loop
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4046APWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV4046APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LV4046APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCPOUT
PC1OUT
COMPIN
VCOOUT
INH
C1A
C1B
GND
VCC
PC3OUT
SIGIN
PC2OUT
R2
R1
DEMOUT
VCOIN
SN74LV4046A
www.ti.com
SCES656D – FEBRUARY 2006 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D, DGV, NS, or PW Package
16-Pin SOIC, SOP, or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
PCPOUT
1
O
Phase comparator pulse output
PC1OUT
2
O
Phase comparator 1 output
COMPIN
3
I
Comparator input
VCOOUT
4
O
VCO output
INH
5
I
Inhibit input
C1A
6
Capacitor C1 connection A
C1B
7
Capacitor C1 connection B
GND
8
Ground (0 V)
VCOIN
9
I
VCO input
DEMOUT
10
O
Demodulator output
R1
11
Resistor R1 connection
R2
12
Resistor R2 connection
PC2OUT
13
O
Phase comparator 2 output
SIGIN
14
I
Signal input
PC3OUT
15
O
Phase comparator 3 output
VCC
16
Positive supply voltage
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LV4046A


Similar Part No. - SN74LV4046APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046APWRG4 TI-SN74LV4046APWRG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

Similar Description - SN74LV4046APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com