Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4046ANSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046ANSR
Description  High-Speed CMOS Logic Phase-Locked Loop
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4046ANSR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4046ANSR Datasheet HTML 1Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 2Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 3Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 4Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 5Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 6Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 7Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 8Page - Texas Instruments SN74LV4046ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Voltage
Controlled
Oscillator
Phase
Comparator
1
Phase
Comparator
2
Phase
Comparator
3
3
COMPIN
SIGIN 14
2
PC1OUT
PCPOUT
1
5
INH
VCOOUT
4
7
C1B
C1A
6
9
VCOIN
GND
8
11
R1
DEMOUT
10
13 PC2OUT
R2 12
15 PC3OUT
VCC
16
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LV4046A
SCES656D – FEBRUARY 2006 – REVISED SEPTEMBER 2015
SN74LV4046A High-Speed CMOS Logic Phase-Locked Loop With VCO
1
1 Features
The signal input can be directly coupled to large
Choice of Three Phase Comparators
voltage signals, or indirectly coupled (with a series
Exclusive OR
capacitor) to small voltage signals. A self-bias input
Edge-Triggered J-K Flip-Flop
circuit keeps small voltage signals within the linear
region of the input amplifiers. With a passive low-
Edge-Triggered RS Flip-Flop
pass filter, the SN74LV4046A forms a second-order
Excellent VCO Frequency Linearity
loop PLL. The excellent VCO linearity is achieved by
VCO-Inhibit Control for ON/OFF Keying and for
the use of linear operational amplifier techniques.
Low Standby Power Consumption
Various
applications
include
telecommunications,
Optimized Power-Supply Voltage Range From 3 V
digital phase-locked loop and signal generators.
to 5.5 V
Device Information(1)
Wide Operating Temperature Range . . . –40°C to
PART NUMBER
PACKAGE
BODY SIZE (NOM)
125°C
SOP (16)
7.70mm x 10.20mm
Latch-Up Performance Exceeds 250 mA Per
SN74LV4046A
SOIC (16)
6.00mm x 9.90mm
JESD 17
TSSOP (16)
6.40mm x 5.00mm
ESD Protection Exceeds JESD 22
(1) For all available packages, see the orderable addendum at
2000-V Human Body Model (A114-A)
the end of the data sheet.
200-V Machine Model (A115-A)
SN74LV4046A Functional Block Diagram
1000-V Charged-Device Model (C101)
2 Applications
Telecommunications
Signal Generators
Digital Phase-Locked Loop
3 Description
The SN74LV4046A is a high-speed silicon-gate
CMOS device that is pin compatible with the
CD4046B and the CD74HC4046. The device is
specified in compliance with JEDEC Std 7.
The SN74LV4046A is a phase-locked loop (PLL)
circuit
that
contains
a
linear
voltage-controlled
oscillator
(VCO)
and
three
different
phase
comparators (PC1, PC2, and PC3). A signal input
and a comparator input are common to each
comparator.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV4046ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046ANSR TI-SN74LV4046ANSR Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANSR TI-SN74LV4046ANSR Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANSR TI-SN74LV4046ANSR Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANSRG4 TI-SN74LV4046ANSRG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

Similar Description - SN74LV4046ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com