Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2015H-6FP Datasheet(PDF) 8 Page - STMicroelectronics

Part # TN2015H-6FP
Description  High temperature 20 A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2015H-6FP Datasheet(HTML) 8 Page - STMicroelectronics

  TN2015H-6FP Datasheet HTML 1Page - STMicroelectronics TN2015H-6FP Datasheet HTML 2Page - STMicroelectronics TN2015H-6FP Datasheet HTML 3Page - STMicroelectronics TN2015H-6FP Datasheet HTML 4Page - STMicroelectronics TN2015H-6FP Datasheet HTML 5Page - STMicroelectronics TN2015H-6FP Datasheet HTML 6Page - STMicroelectronics TN2015H-6FP Datasheet HTML 7Page - STMicroelectronics TN2015H-6FP Datasheet HTML 8Page - STMicroelectronics TN2015H-6FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
TN2015H-6FP
8/9
DocID027549 Rev 1
3
Ordering information
Figure 13. Ordering information scheme
4
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
TN2015H-6FP
TN2015H6
TO-220FPAB
2.0 g
50
Tube
Table 8. Document revision history
Date
Revision
Changes
25-Feb-2015
1
Initial release.


Similar Part No. - TN2015H-6FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
   20 A 600 V high temperature SCR thyristors in insulated TO-220
December 2019 Rev 1
TN2015H-6T STMICROELECTRONICS-TN2015H-6T Datasheet
324Kb / 9P
   High temperature 20 A SCRs
February 2015 Rev 1
More results

Similar Description - TN2015H-6FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
   High temperature 20 A SCRs
August 2017 Rev 1
TN2010H-6G STMICROELECTRONICS-TN2010H-6G Datasheet
414Kb / 10P
   High temperature 20 A SCRs
August 2017 Rev 1
TN2015H-6T STMICROELECTRONICS-TN2015H-6T Datasheet
324Kb / 9P
   High temperature 20 A SCRs
February 2015 Rev 1
TN2010H-6FP STMICROELECTRONICS-TN2010H-6FP Datasheet
344Kb / 9P
   High temperature 20 A SCRs
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
   High temperature 50 A SCRs
June 2017 Rev 1
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
   High temperature 40 A SCRs
November 2016 Rev 2
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
   High temperature 12 A SCRs
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
   High temperature 50 A SCRs
June 2017 Rev 1
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
   High temperature 16 A SCRs
February 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com