Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC16T245DGGRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # 74AVC16T245DGGRG4
Description  16-Bit Dual-Supply Bus Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC16T245DGGRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74AVC16T245DGGRG4 Datasheet HTML 6Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 7Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 8Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 9Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 10Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 11Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 12Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 13Page - Texas Instruments 74AVC16T245DGGRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
10
20
30
40
50
60
6
5
4
3
2
1
0
CL − Load Capacitance − pF
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
0
10
20
30
40
50
60
6
5
4
3
2
1
0
CL − Load Capacitance − pF
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
CL − Load Capacitance − pF
0
10
20
30
40
50
60
6
5
4
3
2
1
0
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
0
10
20
30
40
50
60
6
5
4
3
2
1
0
CL − Load Capacitance − pF
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
0
10
20
30
40
50
60
CL − Load Capacitance − pF
6
5
4
3
2
1
0
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
CL − Load Capacitance − pF
0
10
20
30
40
50
60
6
5
4
3
2
1
0
6
5
4
3
2
1
0
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
SN74AVC16T245
SCES551E – FEBRUARY 2004 – REVISED NOVEMBER 2015
www.ti.com
7.12 Typical Characteristics
TA = 25°C
VCCA = 1.2 V
VCCA = 1.2 V
Figure 2. Typical Propagation Delay tPHL (A to B) vs Load
Figure 1. Typical Propagation Delay tPLH (A to B) vs Load
Capacitance
Capacitance
VCCA = 1.5 V
VCCA = 1.5 V
Figure 4. Typical Propagation Delay tPHL (A to B) vs Load
Figure 3. Typical Propagation Delay tPLH (A to B) vs Load
Capacitance
Capacitance
VCCA = 1.8 V
VCCA = 1.8 V
Figure 5. Typical Propagation Delay tPLH (A to B) vs Load
Figure 6. Typical Propagation Delay tPHL (A to B) vs Load
Capacitance
Capacitance
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC16T245


Similar Part No. - 74AVC16T245DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC16T245DGGRG4 TI-74AVC16T245DGGRG4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRG4 TI-74AVC16T245DGGRG4 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVC16T245DGGRG4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com