Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSMB2N90 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # KSMB2N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMB2N90 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  KSMB2N90 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMB2N90 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
,-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


  !





D)
 D=) 
)+()4+%2(µ&
'((


)
∆D)
5∆
D=) 
 
4+%2(µ&* %26

. (

)56
4
E:) 
)+'(())+()


.(
µ&
)+,%()+.%26


.((
µ&
4
:D/=
)+7())+()


.((
&
4
:D/=*!
)+7())+()


.((
&
 
)
: ) 
)+)4+%2(µ&
7 (

2 (
)
*
  
* 
)+.()4+. .&


2 A
, %

   
)+2()4+. .&

% (


 

4  
)+%2))+()
+. (F#


7'(
2((


  

>2
A(


*!  

2 2
, (

   

 
)+>2()4+% %&
*+%2Ω


.2
>(


*

72
9(


 

%(
2(


 

7(
,(

G
 :
)+,%()4+% %&
)+.()


.%
.2

G
: 

% 9


G
:

A .


     
4
C 


% %
&
4
C8  


9 9
&
)
 ) 
)+()4+% %&


. >
)

*!* !
)+()4+% %&
45+.((&5µ

>((


G
*!* !

. A

µ
KSMB2N90 / KSMI2N90
2014-8-1
2
www.kersemi.com


Similar Part No. - KSMB2N90

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMB2N60 KERSEMI-KSMB2N60 Datasheet
727Kb / 4P
   Green device available.
KSMB2N65 KERSEMI-KSMB2N65 Datasheet
727Kb / 4P
   Green device available.
More results

Similar Description - KSMB2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com