Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN1605H-6FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN1605H-6FP
Description  High temperature 16 A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1605H-6FP Datasheet(HTML) 1 Page - STMicroelectronics

  TN1605H-6FP Datasheet HTML 1Page - STMicroelectronics TN1605H-6FP Datasheet HTML 2Page - STMicroelectronics TN1605H-6FP Datasheet HTML 3Page - STMicroelectronics TN1605H-6FP Datasheet HTML 4Page - STMicroelectronics TN1605H-6FP Datasheet HTML 5Page - STMicroelectronics TN1605H-6FP Datasheet HTML 6Page - STMicroelectronics TN1605H-6FP Datasheet HTML 7Page - STMicroelectronics TN1605H-6FP Datasheet HTML 8Page - STMicroelectronics TN1605H-6FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
February 2015
DocID027546 Rev 1
1/9
9
TN1605H-6FP
High temperature 16 A SCRs
Datasheet
production data
Features
• High junction temperature: Tj = 150 °C
• High noise immunity dV/dt = 200 V/µs up to
150 °C
• Gate triggering current IGT = 6 mA
• Blocking voltage VDRM/VRRM = 600 V
• High turn on current rise dI/dt: 100 A/µs
• ECOPACK®2 compliant component
• Complies with UL standards (File ref: E81734)
• Insulated package TO-220FPAB:
– Insulated voltage: 2000 VRMS
Applications
• Voltage regulator circuits for motorbikes
• Inrush current limiting circuits
• Motor control circuits and starters
• Light dimmers
• Solid state relays
Description
Thanks to a junction temperature up to 150 °C
and an insulated TO-220FPAB package, the
TN1605H-6FP offers high thermal performance
up to 16 A rms.
The trade-off between the device's noise
immunity (dV/dt = 200 V/µs), its gate triggering
current (IGT = 6 mA) and its turn-on current rise
(dI/dt = 100 A/µs) allows the design of robust and
compact control circuits for voltage regulators in
motorbikes and industrial drives, overvoltage
crowbar protection, motor control circuits in power
tools and kitchen appliances, and inrush current
limiting circuits.
The insulated fullpack package allows a
back-to-back configuration.
Table 1. Device summary
Order code
Package
VDRM/VRRM
IGT
TN1605H-6FP
TO-220FPAB
600 V
6 mA
www.st.com


Similar Part No. - TN1605H-6FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6G-TR STMICROELECTRONICS-TN1605H-6G-TR Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
409Kb / 9P
   High temperature 16 A SCRs
May 2017 Rev 1
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
489Kb / 6P
   Inrush current limiter for active AC-DC bridge rectifier
Rev 2 - September 2022
More results

Similar Description - TN1605H-6FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
   High temperature 16 A SCRs
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
   High temperature 16 A SCRs
February 2015 Rev 1
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
409Kb / 9P
   High temperature 16 A SCRs
May 2017 Rev 1
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
   High temperature 50 A SCRs
June 2017 Rev 1
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
   High temperature 40 A SCRs
November 2016 Rev 2
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
   High temperature 12 A SCRs
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
   High temperature 50 A SCRs
June 2017 Rev 1
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
   High temperature 20 A SCRs
August 2017 Rev 1
TN4015H-6G STMICROELECTRONICS-TN4015H-6G Datasheet
401Kb / 9P
   High temperature 40 A SCRs
August 2016 Rev 1
TN4015H-6T STMICROELECTRONICS-TN4015H-6T Datasheet
398Kb / 9P
   High temperature 40 A SCRs
September 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com