Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD351ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD351ID
Description  Advanced IGBT/MOSFET driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD351ID Datasheet(HTML) 1 Page - STMicroelectronics

  TD351ID Datasheet HTML 1Page - STMicroelectronics TD351ID Datasheet HTML 2Page - STMicroelectronics TD351ID Datasheet HTML 3Page - STMicroelectronics TD351ID Datasheet HTML 4Page - STMicroelectronics TD351ID Datasheet HTML 5Page - STMicroelectronics TD351ID Datasheet HTML 6Page - STMicroelectronics TD351ID Datasheet HTML 7Page - STMicroelectronics TD351ID Datasheet HTML 8Page - STMicroelectronics TD351ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2011
Doc ID 10977 Rev 2
1/19
19
TD351
Advanced IGBT/MOSFET driver
Features
1.7 A sink / 1.3 A source (typ) current capability
Active Miller clamp feature
Two-level turn-off with adjustable level and
delay
Input compatible with pulse transformer or
optocoupler
UVLO protection
2 kV ESD protection
Applications
1200 V 3-phase inverters
Motor control systems
UPS
Description
This device is an advanced gate driver for IGBT
and power MOSFETs. Control and protection
functions are included and allow the design of
high reliability systems.
The innovative active Miller clamp function
eliminates the need for negative gate drive in
most applications and allows the use of a simple
bootstrap supply for the high side driver.
The TD351 includes a two-level turn-off feature
with adjustable level and delay. This function
protects against excessive overvoltage at turn-off
in case of overcurrent or short-circuit conditions.
The same delay is applied at turn-on to prevent
pulse width distortion.
The TD351 is compatible with both pulse
transformer and optocoupler signals.
SO-8
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
TD351ID
-40°C, +125°C
SO-8
Tube
TD351IDT
Tape and reel
www.st.com


Similar Part No. - TD351ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD351ID STMICROELECTRONICS-TD351ID Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
TD351IDT STMICROELECTRONICS-TD351IDT Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
More results

Similar Description - TD351ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com