Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB22720 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PEB22720
Description  GEMINAX ADSL Transceiver Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB22720 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PEB22720 Datasheet HTML 1Page - Infineon Technologies AG PEB22720 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEMINAX
P RO DU C T
B RIEF
Never
stop
think i ng.
Applications
s
ADSL DSLAM systems
Features
s
G.dmt/G.lite chipset for
8 channels
s
Individual configuration of each
channel for G.dmt or G.lite
operation
s
Compliant to ITU-T G.992.1
(G.dmt), G.992.2 (G.lite), and
G.994.1 (G.hs)
s
Compliant to ANSI T1.413 I2
s
Compliant to ETSI ETR 328
s
Performance measurements
according to ITU-T G.996.1
(G.test)
s
OAM functionality according to
ITU-T G.997.1 (G.ploam)
s
Max. 16 Mbit/s downstream and
2 Mbit/s upstream data rate
s
S=1/2 supported
s
Fully echo cancelled for over-
lapped spectrum operation
s
Double upstream mode for
Annex B via firmware upgrade
s
Trellis coding and Viterbi
decoding
s
Bit swapping upstream/down-
stream
s
Very low noise (S/N>80dB) in
downstream and upstream
direction
s
ATM UTOPIA-2 interface
(50 MHz, 16 bit/8 bit)
s
On chip ATM-TC layer
s
Pseudo STM mode via UTOPIA
s
8-bit parallel host interface
s
All memory on-chip, no external
memory required for
GEMINAX-D
s
Built in PLLs and clock
generation
s
Configurable digital and analog
test loops
s
Future proof due to software
upgrade options
s
Dr.DSL(TM) firmware running
on GEMINAX-D for ADSL
pre-qualification, bundle
management and maintenance
s
Single-ended testing supported
by Dr.DSL(TM) software
s
Simplified PCB layout with
P-TQFP packages (< 1.1 inch2
area per channel, including
external parts, transformer and
layout space),
s
With P-LBGA packages
< 0.9 inch2 area per channel
(including external parts,
transformer and layout space)
s
< 1 W power dissipation per
channel (20 dBm line level)
s
Power down mode on per
channel and block basis
s
Support of power down wake up
by CPE activity
s
-40°C to +85°C operating range
GEMINAX
G l oba l E n ha n c e d Mul t ipo r t
Int e gr at ed AD SL T r an s c eiv e r
PEB 55508 (GEMINAX-D)
PEB 22720 (GEMINAX-A0)
PEB 22716 (GEMINAX-L2)
GEMINAX ADSL Transceiver Chipset
The GEMINAX ADSL transceiver chipset supports
ADSL data transmission according to ITU-T stan-
dards G.dmt and G.lite. With industries lowest board
space requirements and a power consumption of
less than 1 W/ch, the new GEMINAX ADSL
transceiver chipset fulfills all requirements for
highly integrated DSLAM applications.


Similar Part No. - PEB22720

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB22716 INFINEON-PEB22716 Datasheet
266Kb / 2P
   Global Enhanced Multiport Integrated ADSL Transceiver
2001
More results

Similar Description - PEB22720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20138 STMICROELECTRONICS-ST20138 Datasheet
121Kb / 6P
   PCI/USB ADSL CHIPSET
logo
List of Unclassifed Man...
UT20188S ETC1-UT20188S Datasheet
34Kb / 1P
   ADSL Transformer for Conexant AccessRunner Chipset
logo
Pulse A Technitrol Comp...
BX2516W PULSE-BX2516W Datasheet
39Kb / 1P
   ADSL LINE TRANSFORMER For Conexant CO Chipset
logo
STMicroelectronics
MTC20136 STMICROELECTRONICS-MTC20136 Datasheet
634Kb / 25P
   ADSL TRANSCEIVER CONTROLLER
logo
Texas Instruments
AC5 TI1-AC5 Datasheet
109Kb / 5P
[Old version datasheet]   AC5 Octal-Port Central Office ADSL Chipset
logo
Pulse A Technitrol Comp...
B2136 PULSE-B2136 Datasheet
111Kb / 1P
   ADSL LINE TRANSFORMERS For Analog Devices AD20msp930 Chipset
logo
Samsung semiconductor
S5N8952X SAMSUNG-S5N8952X Datasheet
212Kb / 18P
   ADSL Transceiver for NIC
logo
STMicroelectronics
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
   TOSCA ADSL DMT TRANSCEIVER
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
   QUAD ADSL DMT TRANSCEIVER
ST20190 STMICROELECTRONICS-ST20190 Datasheet
76Kb / 7P
   ADSL, ADSL2 and ADSL Modem Chipset for CPE Applications with Utopia II Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com