Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G14HDCK3 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AHC1G14HDCK3
Description  Single Schmitt-Trigger Inverter Gate
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G14HDCK3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHC1G14HDCK3 Datasheet HTML 6Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 7Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 8Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 9Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 10Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 11Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 12Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 13Page - Texas Instruments SN74AHC1G14HDCK3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SN74AHC1G14
SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
For rise time and fall time specifications, see
Δt/Δv in the Recommended Operating Conditions table.
For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
Inputs and outputs are overvoltage tolerant and can therefore go as high as 5.5 V at any valid VCC.
2. Recommended output conditions:
Load currents must not exceed ±50 mA.
3. Frequency selection criterion:
The effects of frequency upon the power consumption of the device can be studied in CMOS Power
Consumption and CPD Calculation, SCAA035.
Added trace resistance and capacitance can reduce maximum frequency capability; follow the layout
practices listed in the Layout Guidelines section.
9.2.3 Application Curves
VCC = 5.5 V
VCC = 5.5 V
Figure 6. AHC Family VOL vs IOL
Figure 5. AHC Family VOH vs IOH
10
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G14


Similar Part No. - SN74AHC1G14HDCK3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI1-SN74AHC1G14 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHC1G14-Q1 TI1-SN74AHC1G14-Q1 Datasheet
975Kb / 22P
[Old version datasheet]   SN74AHC1G14-Q1 Automotive Single Schmitt-Trigger Inverter Gate
AUGUST 2023
More results

Similar Description - SN74AHC1G14HDCK3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com