Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G14DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G14DCKR
Description  Single Schmitt-Trigger Inverter Gate
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G14DCKR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC1G14DCKR Datasheet HTML 1Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 2Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 3Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 4Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 5Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 6Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 7Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 8Page - Texas Instruments SN74AHC1G14DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SN74AHC1G14
SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 8
1
Features .................................................................. 1
8.3
Feature Description................................................... 8
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 8
3
Description ............................................................. 1
9
Application and Implementation .......................... 9
4
Revision History..................................................... 2
9.1
Application Information.............................................. 9
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................... 9
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 11
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 11
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 11
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 11
6.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 12
6.5
Electrical Characteristics........................................... 5
12.1
Documentation Support ........................................ 12
6.6
Switching Characteristics, VCC = 3.3 V ± 0.3 V ........ 6
12.2
Community Resources.......................................... 12
6.7
Switching Characteristics, VCC = 5 V ± 0.5 V ........... 6
12.3
Trademarks ........................................................... 12
6.8
Operating Characteristics.......................................... 6
12.4
Electrostatic Discharge Caution ............................ 12
6.9
Typical Characteristics .............................................. 6
12.5
Glossary ................................................................ 12
7
Parameter Measurement Information .................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 8
Information ........................................................... 12
8.1
Overview ................................................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (August 2013) to Revision Q
Page
Added Applications section, Device Information table, Pin Configuration and Functions section, ESD Ratings table,
Thermal Information table, Typical Characteristics section, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Changes from Revision O (May 2013) to Revision P
Page
Updated document to new TI data sheet format - no specification changes ........................................................................ 1
Changes from Revision N (June 2005) to Revision O
Page
Changed document format from Quicksilver to DocZone. ..................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G14


Similar Part No. - SN74AHC1G14DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14DCKR TI-SN74AHC1G14DCKR Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DCKR TI-SN74AHC1G14DCKR Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DCKR TI-SN74AHC1G14DCKR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DCKR TI1-SN74AHC1G14DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHC1G14DCKRE4 TI-SN74AHC1G14DCKRE4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Similar Description - SN74AHC1G14DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com