Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC257APW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC257APW
Description  Quadruple 2-Line to 1-Line Data Selectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC257APW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC257APW Datasheet HTML 7Page - Texas Instruments SN74LVC257APW Datasheet HTML 8Page - Texas Instruments SN74LVC257APW Datasheet HTML 9Page - Texas Instruments SN74LVC257APW Datasheet HTML 10Page - Texas Instruments SN74LVC257APW Datasheet HTML 11Page - Texas Instruments SN74LVC257APW Datasheet HTML 12Page - Texas Instruments SN74LVC257APW Datasheet HTML 13Page - Texas Instruments SN74LVC257APW Datasheet HTML 14Page - Texas Instruments SN74LVC257APW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Processor 1
Digital Signals
Or
Digital Sensor Array
Processor 2
1A
1B
2A
2B
4A
4B
3A
3B
3Y
4Y
1Y
2Y
A/B
OE
When 0, Y is high impedance
0.1uF
Cbypass
Vcc
Gnd
Vcc=1.65V to 3.6V
Vcc=1.65V to 5V
Vcc=1.65V to 3.6V
SN54LVC257A, SN74LVC257A
www.ti.com
SCAS294O – JANUARY 1993 – REVISED JUNE 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SNx4LVC257A devices are useful for digital signal data selector or multiplexer applications.
10.2 Typical Application
The SNx4LVC257A devices use CMOS technology and have balanced output drive. These devices can be used
for down level translation and multiplexer function as shown in Figure 4.
Figure 4. SNx4LVC257A Used as Level Translation and as a Multiplexer
10.2.1 Design Requirements
Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high
drive will also create fast edges into light loads so routing and load conditions must be considered to prevent
ringing.
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54LVC257A SN74LVC257A


Similar Part No. - SN74LVC257APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC257APW TI-SN74LVC257APW Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257APW TI-SN74LVC257APW Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN74LVC257APW TI-SN74LVC257APW Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257APWE4 TI-SN74LVC257APWE4 Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257APWG4 TI-SN74LVC257APWG4 Datasheet
893Kb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC257APW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC157 UTC-U74HC157_15 Datasheet
205Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS
logo
Texas Instruments
SN54157 TI1-SN54157_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com