Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G14DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G14DBVRG4
Description  Single Schmitt-Trigger Inverter Gate
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G14DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC1G14DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G14DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN74AHC1G14
www.ti.com
SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015
6.4 Thermal Information
SN74AHC1G14
THERMAL METRIC(1)
DBV (SOT-23)
DCK (SC70)
DRL (SOT)
UNIT
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
225.7
252
271.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
160.3
116.6
°C/W
RθJB
Junction-to-board thermal resistance
59.4
89.9
°C/W
ψJT
Junction-to-top characterization parameter
41.0
17.3
°C/W
ψJB
Junction-to-board characterization parameter
58.7
89.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
RECOMMENDED
TA = 25°C
TA = –40°C to 85°C
TEST
TA = –40°C to 125°C
PARAMETER
VCC
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VT+
3 V
1.2
2.2
1.2
2.2
1.2
2.2
Positive-going
4.5 V
1.75
3.15
1.75
3.15
1.75
3.15
V
input threshold
5.5 V
2.15
3.85
2.15
2.85
2.15
3.85
voltage
VT–
3 V
0.9
1.9
0.9
1.9
0.9
1.9
Negative-going
4.5 V
1.35
2.75
1.35
2.75
1.35
2.75
V
input threshold
5.5 V
1.65
3.35
1.65
3.35
1.65
3.35
voltage
3 V
0.3
1.2
0.3
1.2
0.25
1.2
ΔVT
Hysteresis
4.5 V
0.4
1.4
0.4
1.4
0.35
1.4
V
(VT+ – VT–)
5.5 V
0.5
1.6
0.5
1.6
0.45
1.6
2 V
1.9
2
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.4
IOL = –8 mA
4.5 V
3.94
3.8
3.7
2 V
0.1
0.1
0.1
IOH = 50 µA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
IOH = 4 mA
3 V
0.36
0.44
0.55
IOL = 8 mA
4.5 V
0.36
0.44
0.55
VI = 5.5 V or
0 V to
II
±0.1
±1
±1
µA
GND
5.5 V
VI = VCC or
ICC
5.5 V
1
10
10
µA
GND, IO = 0
VI = VCC or
Ci
5 V
2
10
10
10
pF
GND
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC1G14


Similar Part No. - SN74AHC1G14DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14DBVRG4 TI-SN74AHC1G14DBVRG4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRG4 TI-SN74AHC1G14DBVRG4 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRG4 TI-SN74AHC1G14DBVRG4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRG4 TI1-SN74AHC1G14DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
More results

Similar Description - SN74AHC1G14DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com