Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G14DBVRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G14DBVRE4
Description  Single Schmitt-Trigger Inverter Gate
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G14DBVRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC1G14DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G14DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
A
Y
2
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AHC1G14
SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015
SN74AHC1G14 Single Schmitt-Trigger Inverter Gate
1 Features
3 Description
The SN74AHC1G14 device is a single inverter gate.
1
Operating Range 2 V to 5.5 V
The
device
performs
the
Boolean
function
Maximum tpd of 10 ns at 5 V
Y = A.
Low Power Consumption, 10-
μA Max ICC
The device functions as an independent inverter gate,
±8-mA Output Drive at 5 V
but because of the Schmitt action, gates may have
Latch-Up Performance Exceeds 250 mA Per
different input threshold levels for positive- (VT+) and
JESD 17
negative-going (VT−) signals.
Device Information
2 Applications
ORDER NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Barcode Scanners
SN74AHC1G14DBV
SOT-23 (5)
2.90 mm × 1.60 mm
Cable Solutions
SN74AHC1G14DCK
SC70 (5)
2.00 mm × 1.25 mm
E-Books
SN74AHC1G14DRL
SOT (5)
1.60 mm × 1.20 mm
Embedded PCs
(1) For all available packages, see the orderable addendum at
Field Transmitter: Temperature or Pressure
the end of the data sheet.
Sensors
Logic Diagram (Positive Side)
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Sever Motherboard and PSU
Software Defined Radios (SDR)
TV: High Definition (HDTV), LCD, and Digital
Video Communications Systems
Wireless Data Access Cards, Headsets,
Keyboards, Mice, and LAN Cards
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AHC1G14DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI-SN74AHC1G14DBVRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14DBVRE4 TI1-SN74AHC1G14DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
More results

Similar Description - SN74AHC1G14DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com